Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XF2L-1935-1A Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # XF2L-1935-1A
Description  ZIF Slide-locking Connector (0.5-mm pitch)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XF2L-1935-1A Datasheet(HTML) 2 Page - Omron Electronics LLC

  XF2L-1935-1A Datasheet HTML 1Page - Omron Electronics LLC XF2L-1935-1A Datasheet HTML 2Page - Omron Electronics LLC XF2L-1935-1A Datasheet HTML 3Page - Omron Electronics LLC XF2L-1935-1A Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
34
ZIF Slide-locking Connector (0.5-mm pitch)
XF2L
Dimensions
Unit: mm
XF2L-
@@@5-1A
Table of Dimensions
3.05
3.45
3.05
3.45
4.55
4.55
B
C
A
0.5
0.2
0.75
1.05
1
F
E
A±0.05
G±0.1
H±0.1
0.5±0.05
0.25
1±0.1
0.55±0.1
1.34±0.1
(D-0.1)±0.05
A±0.05
0.5±0.1
2.5 MIN.
0.5±0.05
0.35±0.03
X
X
Y
Y
0.45
0.45
1.35
(Effective stacking length)
2.3
2.3
1.35
(Effective stacking length)
1.2
1.2
1.2
1.2
With slider open
With slider open
Applicable FPC Dimensions
PCB Mating Dimensions (TOP VIEW)
XF2L-
25-1A (Upper-contact Models)
XF2L-
35-1A (Lower-contact Models)
(5)
Peinforcement
board *
1.35
(Effective stacking length)
T=0.3±0.03
(Conductive plating)
* Use polyimide and thermoset
adhesive for reinforcement film material.
D
FPC insertion dimension
D
FPC insertion dimension
Cross-section diagram :X-X
Cross-section diagram :Y-Y
+0.05
0
Pins
Upper Contact
Lower Contact
A
B
C
D
E
F
G
H
4
XF2L-0425-1A
- - -
1.5
5.9
6.9
2.6
5.88
6.88
5.28
7.28
5
- - -
XF2L-0535-1A
2.0
6.4
7.4
3.1
6.38
7.38
5.78
7.78
6
XF2L-0625-1A
XF2L-0635-1A
2.5
6.9
7.9
3.6
6.88
7.88
6.28
8.28
7
XF2L-0725-1A
XF2L-0735-1A
3.0
7.4
8.4
4.1
7.38
8.38
6.78
8.78
8
XF2L-0825-1A
XF2L-0835-1A
3.5
7.9
8.9
4.6
7.88
8.88
7.28
9.28
9
XF2L-0925-1A
- - -
4.0
8.4
9.4
5.1
8.38
9.38
7.78
9.78
10
XF2L-1025-1A
XF2L-1035-1A
4.5
8.9
9.9
5.6
8.88
9.88
8.28
10.28
12
XF2L-1225-1A
XF2L-1235-1A
5.5
9.9
10.9
6.6
9.88
10.88
9.28
11.28
13
XF2L-1325-1A
XF2L-1335-1A
6.0
10.4
11.4
7.1
10.38
11.38
9.78
11.78
15
- - -
XF2L-1535-1A
7.0
11.4
12.4
8.1
11.38
12.38
10.78
12.78
18
XF2L-1825-1A
XF2L-1835-1A
8.5
12.9
13.9
9.6
12.88
13.88
12.28
14.28
19
- - -
XF2L-1935-1A
9.0
13.4
14.4
10.1
13.38
14.38
12.78
14.78
20
- - -
XF2L-2035-1A
9.5
13.9
14.9
10.6
13.88
14.88
13.28
15.28
21
XF2L-2125-1A
- - -
10.0
14.4
15.4
11.1
14.38
15.38
13.78
15.78
22
- - -
XF2L-2235-1A
10.5
14.9
15.9
11.6
14.88
15.88
14.28
16.28
24
- - -
XF2L-2435-1A
11.5
15.9
16.9
12.6
15.88
16.88
15.28
17.28
26
XF2L-2625-1A
- - -
12.5
16.9
17.9
13.6
16.88
17.88
16.28
18.28
30
XF2L-3025-1A
XF2L-3035-1A
14.5
18.9
19.9
15.6
18.88
19.88
18.28
20.28


Similar Part No. - XF2L-1935-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2L-1935-1A OMRON-XF2L-1935-1A Datasheet
160Kb / 4P
   ZIF Slide-locking Connector (0.5-mm pitch)
More results

Similar Description - XF2L-1935-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XF2J_1011 OMRON-XF2J_1011 Datasheet
145Kb / 4P
   ZIF Slide-locking Connector (0.5 mm-pitch)
XF2J OMRON-XF2J Datasheet
193Kb / 4P
   ZIF Slide-locking Connector (0.5 mm-pitch)
XF2L_1011 OMRON-XF2L_1011 Datasheet
160Kb / 4P
   ZIF Slide-locking Connector (0.5-mm pitch)
logo
List of Unclassifed Man...
XF2J ETC-XF2J Datasheet
596Kb / 1P
   0.5mm-pitch ZIF-Slide Type
logo
CONEC Elektronische Bau...
16-000640 CONEC-16-000640 Datasheet
145Kb / 1P
   LOCKING BOLT for slide lock
logo
Omron Electronics LLC
XF2G OMRON-XF2G Datasheet
304Kb / 4P
   0.5 mm-Pitch Vertical FPC Connector
logo
Wurth Elektronik GmbH &...
686108189122 WURTH-686108189122 Datasheet
776Kb / 7P
   WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
logo
Hirose Electric
FH28 HIROSE-FH28 Datasheet
828Kb / 11P
   0.5 mm Pitch, 2.55 mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
logo
Wurth Elektronik GmbH &...
686110189122 WURTH-686110189122 Datasheet
776Kb / 7P
   WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
686114189122 WURTH-686114189122 Datasheet
765Kb / 7P
   WR-FPC SMT ZIF Horizontal Back Locking ZIF Connectors
002.000
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com