Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC701LP6C Datasheet(PDF) 11 Page - Hittite Microwave Corporation

Part # HMC701LP6C
Description  8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC701LP6C Datasheet(HTML) 11 Page - Hittite Microwave Corporation

Back Button HMC701LP6C Datasheet HTML 7Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 8Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 9Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 10Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 11Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 12Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 13Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 14Page - Hittite Microwave Corporation HMC701LP6C Datasheet HTML 15Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 12
General Purpose Output (GPO) Interface
the hMc701LP6ce features a 3-wire General Purpose output (GPo) interface. GPo registers are described in
Reg1Bh table 37. the GPo is a flexible interface that supports a number of different functions and real time waveform
access including:
a. General Data output from sPi register gpo_sel_0_
data (gpo_sel=0)
b. Prescaler & reference path outputs (gpo_sel=1)
c. Lock Detect Windows (gpo_sel=2)
d. anti-cycle slip waveforms (gpo_sel=3)
e. internal synchronized frac strobe with clocks
(gposel=4)
f. Mirror of Vco serial Port Data, clock, Latch enable
(gposel=5)
g. Δ∑ Modulator Phase accumulator (gposel=6)
h. auxiliary oscillators (gposel=7)
i. auto calibration Busy flag (gposel=8)
j. Multiple Vco control, Latch enables (gposel=9)
k. Δ∑ Modulator outputs (gposel=10)
General Data to GPO (gpo_sel=0)
setting register gpo_sel=0 in table 37 assigns the 3-bit data from register gpo_sel_0_data Reg1B<6:4> to the GPo
bus.
Prescaler and Reference Path Outputs (gpo_sel = 1)
setting register gpo_sel=1 (Reg1B<3:0> table 37) results in the input crystal being buffered out to GPo3 as shown in
figure 12. this is useful for example to generate a copy of the input crystal signal to drive other circuits in the application,
while at the same time isolating the noisy circuits from the sensitive crystal output. often only the synthesizer requires
very low phase noise from the crystal, hence it is desirable to isolate other circuits from the crystal itself and allow the
synthesizer sole use of the low phase noise crystal.
gpo_sel=1 also routes the 200 Mhz 14-bit reference path divider to GP02 and the 16-bit 7 Ghz Vco path prescaler
output to GP01. this option allows the synthesizer to function as a stand alone fractional or integer prescaler and
provides visibility into the prescaler and reference path timing for sensitive applications.
Figure 12. gpo_01 Outputs
HMC701LP6CE
v05.0110
8 GHz 16-BIT FRACTIONAL-N SYNTHESIZER


Similar Part No. - HMC701LP6C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
   8 GHz 16-Bit Fractional-N Synthesizer
logo
Analog Devices
HMC701LP6CE AD-HMC701LP6CE Datasheet
1Mb / 40P
   Fractional or Integer Modes
More results

Similar Description - HMC701LP6C

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC701LP6CE HITTITE-HMC701LP6CE Datasheet
1Mb / 46P
   8 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE Datasheet
1Mb / 46P
   14 GHz 16-Bit Fractional-N Synthesizer
HMC702LP6CE HITTITE-HMC702LP6CE_10 Datasheet
1Mb / 46P
   14 GHz 16-BIT FRACTIONAL-N SYNTHESIZER
HMC700LP4 HITTITE-HMC700LP4 Datasheet
882Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
logo
Analog Devices
HMC700LP4 AD-HMC700LP4 Datasheet
980Kb / 26P
   8 GHz 16-Bit Fractional-N PLL
logo
Hittite Microwave Corpo...
HMC703LP4E HITTITE-HMC703LP4E Datasheet
3Mb / 52P
   8 GHZ FRACTIONAL SYNTHESIZER
logo
Analog Devices
HMC703LP4E AD-HMC703LP4E Datasheet
2Mb / 58P
   8 GHz fractional synthesizer
logo
Hittite Microwave Corpo...
HMC702LP6CE HITTITE-HMC702LP6CE_11 Datasheet
1Mb / 36P
   14 GHz 16-BIT FRACTIONAL-N PLL
logo
Analog Devices
HMC702LP6CE AD-HMC702LP6CE Datasheet
1Mb / 38P
   14 GHz 16-BIT FRACTIONAL-N PLL
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com