Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC711LC5 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC711LC5
Description  GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC711LC5 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC711LC5 Datasheet HTML 1Page - Hittite Microwave Corporation HMC711LC5 Datasheet HTML 2Page - Hittite Microwave Corporation HMC711LC5 Datasheet HTML 3Page - Hittite Microwave Corporation HMC711LC5 Datasheet HTML 4Page - Hittite Microwave Corporation HMC711LC5 Datasheet HTML 5Page - Hittite Microwave Corporation HMC711LC5 Datasheet HTML 6Page - Hittite Microwave Corporation HMC711LC5 Datasheet HTML 7Page - Hittite Microwave Corporation HMC711LC5 Datasheet HTML 8Page - Hittite Microwave Corporation HMC711LC5 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
10
10 - 294
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC711LC5
v01.0210
GaAs MMIC SUB-HARMONIC
UPCONVERTER, 17.7 - 23.6 GHz
Data Taken as an Upconverter, IF = 2900 MHz
Conversion Gain, LSB vs. Temperature
Conversion Gain, LSB vs. LO Drive
Conversion Gain, LSB vs. Vdd
Input IP3, LSB vs. Temperature
Output IP3, LSB vs. Temperature
0
5
10
15
20
25
17
19
21
23
25
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
5
10
15
20
25
17
19
21
23
25
4.75V
5.00V
5.25V
FREQUENCY (GHz)
10
15
20
25
30
35
40
17
19
21
23
25
+25 C
+85 C
-40 C
FREQUENCY (GHz)
0
5
10
15
20
25
17
19
21
23
25
4 dBm
2 dBm
0 dBm
FREQUENCY (GHz)
0
5
10
15
20
25
30
17
19
21
23
25
+25 C
+85 C
-40 C
FREQUENCY (GHz)


Similar Part No. - HMC711LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC711LC5 HITTITE-HMC711LC5 Datasheet
791Kb / 14P
   GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
   GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
More results

Similar Description - HMC711LC5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC711LC5_1005 HITTITE-HMC711LC5_1005 Datasheet
791Kb / 14P
   GaAs MMIC SUB-HARMONIC UPCONVERTER, 17.7 - 23.6 GHz
HMC819LCS HITTITE-HMC819LCS Datasheet
1Mb / 16P
   GaAs MMIC I/Q UPCONVERTER 17.7 - 23.6 GHz
logo
List of Unclassifed Man...
HMC1093 ETC2-HMC1093 Datasheet
514Kb / 10P
   GaAs MMIC SUB HARMONIC MIXER, 37 - 46.5 GHz
logo
Hittite Microwave Corpo...
HMC265LM3 HITTITE-HMC265LM3 Datasheet
302Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-6545 AVAGO-AMMP-6545_15 Datasheet
309Kb / 5P
   18 to 40 GHz GaAs MMIC Sub-Harmonic Mixer
logo
Hittite Microwave Corpo...
HMC798LC4 HITTITE-HMC798LC4_10 Datasheet
256Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 24 - 34 GHz
HMC265LM3 HITTITE-HMC265LM3_08 Datasheet
252Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Analog Devices
HMC264LC3B AD-HMC264LC3B Datasheet
403Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 21 - 31 GHz
HMC265LM3 AD-HMC265LM3 Datasheet
385Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 31 GHz
logo
Hittite Microwave Corpo...
HMC264LM3 HITTITE-HMC264LM3 Datasheet
341Kb / 8P
   GaAs MMIC SUB-HARMONIC SMT MIXER, 20 - 30 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com