Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC5G-6421 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # XC5G-6421
Description  DIN Twin-contact Connectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XC5G-6421 Datasheet(HTML) 1 Page - Omron Electronics LLC

  XC5G-6421 Datasheet HTML 1Page - Omron Electronics LLC XC5G-6421 Datasheet HTML 2Page - Omron Electronics LLC XC5G-6421 Datasheet HTML 3Page - Omron Electronics LLC XC5G-6421 Datasheet HTML 4Page - Omron Electronics LLC XC5G-6421 Datasheet HTML 5Page - Omron Electronics LLC XC5G-6421 Datasheet HTML 6Page - Omron Electronics LLC XC5G-6421 Datasheet HTML 7Page - Omron Electronics LLC XC5G-6421 Datasheet HTML 8Page - Omron Electronics LLC XC5G-6421 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
DIN Twin-contact Connectors
XC5
85
DIN Twin-contact Connectors
XC5
A Wide Variety of DIN Connectors That
Conform to UL/CSA Standards.
• Fully preserves the characteristics of normal DIN connec-
tors while increasing the number of terminals available.
• Meets world market needs with products ranging from one-
piece connectors (card edge) to two-piece connectors.
• Uses a twin-contact system for high reliability and low cost.
• Lower insertion force as a result of FEM analysis tech-
niques.
• Conform to UL standards (file no. E 103202) and CSA stan-
dards (file no. LR 62678).
■ Connector Styles
Double-row Connectors
Triple-row Connectors
■ Ratings and Characteristics
■ Materials and Finish
Note: 1. For non-standard plating specifications, contact OMRON
2. Wrap terminal contacts are made from phosphor bronze.
3. See “Precautions” for information about Wire Wrap terminals
Socket contact
Plug contact
Without R
With R
■ Structure
Twin Contacts
(2-point Contact System)
45
°
(DIN standard)
0.6 mm (DIN standard)
2R
■ Low Insertion Force Design
The shape of the Plug contact tip is
based on the DIN standard dimensions,
however, a small radius, R, has been
introduced between the shaft and the
tip. This results in less force being
required for insertion.
Model
XC5A
B type
XC5B
B type
XC5E
Q type
XC5F
Q type
Appearance
Plug with
right-angle
terminals
Socket with
straight
terminals
Plug with
straight
terminals
Socket with
right-angle
terminals
Model
XC5C
C type
XC5D
C type
XC5G
R type
XC5H
R type
Appearance
Plug with
right-angle
terminals
Socket with
straight
terminals
Plug with
straight
terminals
Socket with
right-angle
terminals
Rated current
2 A
Rated voltage
300 VAC
Contact resistance
20 m
Ω max. (at 20 mV, 100 mA max.)
Insulation
resistance
106 M
Ω min. (at 100 VDC)
Dielectric strength
1,000 VAC for 1 min (leakage current:
1mA max.)
Connector insertion 0.59 N max. per contact
Contact removal
0.15 N min. (with test gauge, t = 0.56 mm)
Insertion durability
200 times
Ambient
temperature
Operating:
−55 to 125°C (with no icing)
Item
Plugs
Sockets
Housings
Fiber-glass reinforced PBT resin (UL94V-0)/
gray
Contact
s
Mating
end
Brass/nickel
base, 0.4-
μm
gold plating (See
note 1.)
Phosphor bronze/nickel
base, 0.4-
μm gold plating
(See note 1.)
Termina
l
Brass/nickel
base, tin plating
Phosphor bronze/nickel
base, tin plating


Similar Part No. - XC5G-6421

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XC5111WQRTVRQ1 TI1-XC5111WQRTVRQ1 Datasheet
5Mb / 178P
[Old version datasheet]   TAC5111-Q1 Low-power mono audio codec with 100dB dynamic range ADC and 106dB dynamic range DAC
JANUARY 2024
XC5112WQRTVRQ1 TI1-XC5112WQRTVRQ1 Datasheet
5Mb / 178P
[Old version datasheet]   TAC5112-Q1 Low-power stereo audio codec with 100dB dynamic range ADC and 106dB dynamic range DAC
JANUARY 2024
XC5212WQRTVRQ1 TI1-XC5212WQRTVRQ1 Datasheet
5Mb / 179P
[Old version datasheet]   TAC5212-Q1 High-performance stereo audio codec with 118dB dynamic range ADC and 119dB dynamic range DAC
JANUARY 2024
XC5311WQRTVRQ1 TI1-XC5311WQRTVRQ1 Datasheet
5Mb / 206P
[Old version datasheet]   TAC5311-Q1 Automotive Low Power Mono Audio Codec with integrated programmable boost, micbias and diagnostics
JANUARY 2024
XC5312QRGERQ1 TI1-XC5312QRGERQ1 Datasheet
6Mb / 209P
[Old version datasheet]   TAC5312-Q1 Automotive Low Power Stereo Audio Codec with integrated programmable boost, micbias and diagnostics
JANUARY 2024
More results

Similar Description - XC5G-6421

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5-583649-3 MACOM-5-583649-3 Datasheet
113Kb / 1P
   CONTACT-TWIN LEAF
logo
Adam Technologies, Inc.
DIP96MRL33A1C1 ADAM-TECH-DIP96MRL33A1C1 Datasheet
154Kb / 1P
   DIN 41612 CONNECTORS
logo
Lumberg
0105 LUMBERG-0105 Datasheet
452Kb / 3P
   DIN circular connectors
0134 LUMBERG-0134 Datasheet
797Kb / 3P
   DIN circular connectors
XS32 LUMBERG-XS32 Datasheet
96Kb / 1P
   DIN circular connectors
0107 LUMBERG-0107 Datasheet
678Kb / 3P
   DIN circular connectors
0122 LUMBERG-0122 Datasheet
771Kb / 3P
   DIN circular connectors
0121 LUMBERG-0121 Datasheet
768Kb / 3P
   DIN circular connectors
0103 LUMBERG-0103_17 Datasheet
792Kb / 3P
   DIN circular connectors
0131 LUMBERG-0131 Datasheet
724Kb / 3P
   DIN circular connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com