Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVD-6XX0 Datasheet(PDF) 1 Page - Unity Opto Technology

Part # UVD-6XX0
Description  0.56 inch ( 14.22 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVD-6XX0 Datasheet(HTML) 1 Page - Unity Opto Technology

  UVD-6XX0 Datasheet HTML 1Page - Unity Opto Technology UVD-6XX0 Datasheet HTML 2Page - Unity Opto Technology UVD-6XX0 Datasheet HTML 3Page - Unity Opto Technology UVD-6XX0 Datasheet HTML 4Page - Unity Opto Technology UVD-6XX0 Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.56 inch ( 14.22 mm )
DUAL DIGIT NUMERIC LED DISPLAYS
UVD-6XX0 SERIES
DESCRIPTION
The UVD-6X10/6X40 is 0.56 inch (14.22mm) height dual digit display.
Choices of five colors-high efficiency red/bright red/green/yellow/red orange.
High efficirncy red displays has red face and red segments. Bright red displays has balck face and red segments.
Green and yellow displays have gray face and white segments. Red orange displays has orange face and orange segments.
The bright red and green LED chip are made from GaP on a transparent GaP substrate.
The yellow and red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Continuous uniform segments.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
75
40
75
60
75
mW
25
15
25
20
25
mA
0.33
0.2
0.33
0.27
0.33
mA/
oC
5
5
5
5
5
V
PART NO.
UVD-6X10
UVD-6X40
DESCRIPTION
Common Anode
Common Cathode
Operating Temperature Range
Storage Temperature Range
Power Dissipation Per Segment
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
Reverse Voltage Per Segment
PARAMETER
HI.EFF.
RED
Continuous Forward Current Per Segment
Derating Linear From 25
oC Per Segment
BRIGHT
RED
100
60
GREEN
YELLO
W
RED
ORANGE
UNIT
INTERNAL CIRCUIT
DIAGRAM
Fig. 2
Fig. 1
PACKAGE
DIMENSION
l
Industuy Standard Size
l
Wide Viewing angle
11/14/2000
-35
oCto+85oC
-35
oCto+85oC
100
80
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
100
mA
Unity Opto Technology Co., Ltd.


Similar Part No. - UVD-6XX0

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVD-322 UOT-UVD-322 Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-323 UOT-UVD-323 Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-432XC UOT-UVD-432XC Datasheet
69Kb / 5P
   0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-482XC UOT-UVD-482XC Datasheet
69Kb / 5P
   0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVD-6XX0

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVT-5X1 UOT-UVT-5X1 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
   0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
UVS-6XX0 UOT-UVS-6XX0 Datasheet
66Kb / 5P
   0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Lite-On Technology Corp...
LTD-6610E LITEON-LTD-6610E Datasheet
125Kb / 5P
   0.56 inch (14.22 mm) DIGIT HEIGHT.
LTD-6000 LITEON-LTD-6000 Datasheet
959Kb / 9P
   0.56 DUAL DIGIT NUMERIC DISPLAYS
LTD-6910HR LITEON-LTD-6910HR Datasheet
1Mb / 12P
   0.56 DUAL DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-4X2XC UOT-UVD-4X2XC Datasheet
69Kb / 5P
   0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com