Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMP512U6FFP8C-Y5 Datasheet(PDF) 1 Page - Hynix Semiconductor

Part # HMP512U6FFP8C-Y5
Description  240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMP512U6FFP8C-Y5 Datasheet(HTML) 1 Page - Hynix Semiconductor

  HMP512U6FFP8C-Y5 Datasheet HTML 1Page - Hynix Semiconductor HMP512U6FFP8C-Y5 Datasheet HTML 2Page - Hynix Semiconductor HMP512U6FFP8C-Y5 Datasheet HTML 3Page - Hynix Semiconductor HMP512U6FFP8C-Y5 Datasheet HTML 4Page - Hynix Semiconductor HMP512U6FFP8C-Y5 Datasheet HTML 5Page - Hynix Semiconductor HMP512U6FFP8C-Y5 Datasheet HTML 6Page - Hynix Semiconductor HMP512U6FFP8C-Y5 Datasheet HTML 7Page - Hynix Semiconductor HMP512U6FFP8C-Y5 Datasheet HTML 8Page - Hynix Semiconductor HMP512U6FFP8C-Y5 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsibility for use of circuits described. No patent licenses are implied.
Rev. 0.1 / Jun 2008
1
240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb F ver.
This Hynix unbuffered Dual In-Line Memory Module(DIMM) series consists of 512Mb C ver. DDR2 SDRAMs
in Fine Ball Grid Array(FBGA) packages on a 240pin glass-epoxy substrate. This Hynix 512Mb C ver. based
DDR2 Unbuffered DIMM series provide a high performance 8 byte interface in 133.35mm width form factor
of industry standard. It is suitable for easy interchange and addition.
FEATURES
ORDERING INFORMATION
Part Name
Density
Organization
# of
DRAMs
# of
ranks Materials
ECC
HMP512U6FFP8C-Y5/S5/S6
1GB
128Mx64
16
2
Lead free
None
HMP564U7FFP8C-Y5/S5/S6
512MB
64Mx72
9
1
Lead free
ECC
HMP512U7FFP8C-Y5/S5/S6
1GB
128Mx72
18
2
Lead free
ECC
JEDEC standard Double Data Rate2 Synchro-
nous DRAMs (DDR2 SDRAMs) with 1.8V +/-
0.1V Power Supply
All inputs and outputs are compatible with
SSTL_1.8 interface
•4 Bank architecture
•Posted CAS
Programmable CAS Latency 3 , 4 , 5, 6
OCD (Off-Chip Driver Impedance Adjustment)
ODT (On-Die Termination)
Fully differential clock operations (CK & CK)
Programmable Burst Length 4 / 8 with both
sequential and interleave mode
Auto refresh and self refresh supported
Partial Array Self Refresh supported
8192 refresh cycles / 64ms
Serial presence detect with EEPROM
DDR2 SDRAM Package: 60ball FBGA(64Mx8)
133.35 x 30.00 mm form factor
Lead-free Products are RoHS compliant


Similar Part No. - HMP512U6FFP8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMP512F7FFP8C-C4 HYNIX-HMP512F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP512F7FFP8C-S5 HYNIX-HMP512F7FFP8C-S5 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP512F7FFP8C-S6D3 HYNIX-HMP512F7FFP8C-S6D3 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP512F7FFP8C-Y5 HYNIX-HMP512F7FFP8C-Y5 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HMP512P7FFP4C-Y5 HYNIX-HMP512P7FFP4C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
More results

Similar Description - HMP512U6FFP8C-Y5

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMP512U648 HYNIX-HYMP512U648 Datasheet
442Kb / 24P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 512 Mb 1st ver.
HMP564P7FFP8C-Y5 HYNIX-HMP564P7FFP8C-Y5 Datasheet
493Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb F ver.
HMP564F7FFP8C-C4 HYNIX-HMP564F7FFP8C-C4 Datasheet
632Kb / 26P
   240pin Fully Buffered DDR2 SDRAM DIMMs based on 512 Mb F-ver.
HYMP564R72CP8-E3 HYNIX-HYMP564R72CP8-E3 Datasheet
274Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb C ver.
HYMP512R728 HYNIX-HYMP512R728 Datasheet
599Kb / 24P
   240pin Registered DDR2 SDRAM DIMMs based on 512 Mb 1st ver.
HYMP532S646-E3 HYNIX-HYMP532S646-E3 Datasheet
770Kb / 23P
   200pin Unbuffered DDR2 SDRAM SO-DIMMs based on 512 Mb 1st ver.
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP31GP7AFR4C-Y5 HYNIX-HMP31GP7AFR4C-Y5 Datasheet
199Kb / 18P
   240pin Registered DDR2 SDRAM DIMMs based on 2Gb version A
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com