Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351U6AFR8C-H9 Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HMT351U6AFR8C-H9
Description  240pin DDR3 SDRAM Unbuffered DIMMs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351U6AFR8C-H9 Datasheet(HTML) 3 Page - Hynix Semiconductor

  HMT351U6AFR8C-H9 Datasheet HTML 1Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 47 page
background image
Rev. 0.02 / Apr 2009
3
HMT351U6AFR8C
HMT351U7AFR8C
Table of Contents
1. Description
1.1 Device Features and Ordering Information
1.1.1 Features
1.1.2 Ordering Information
1.2 Speed Grade & Key Parameters
1.3 Address Table
2. Pin Architecture
2.1 Pin Definition
2.2 Input/Output Functional Description
2.3 Pin Assignment
3. Functional Block Diagram
3.1 4GB, 512Mx64 Module(2Rank of x8)
3.2 4GB, 512Mx72 ECC Module(2Rank of x8)
4. Address Mirroring Feature
4.1 DRAM Pin Wiring for Mirroring
5. Absolute Maximum Ratings
5.1 Absolute Maximum DC Ratings
5.2 Operating Temperature Range
6. AC & DC Operating Conditions
6.1 Recommended DC Operating Conditions
6.2 DC & AC Logic Input Levels
6.2.1 For Single-ended Signals
6.2.2 For Differential Signals
6.2.3 Differential Input Cross Point
6.3 Slew Rate Definition
6.3.1 For Ended Input Signals
6.3.2 For Differential Input Signals
6.4 DC & AC Output Buffer Levels
6.4.1 Single Ended DC & AC Output Levels
6.4.2 Differential DC & AC Output Levels
6.4.3 Single Ended Output Slew Rate
6.4.4 Differential Ended Output Slew Rate
6.5 Overshoot/Undershoot Specification
6.6 Input/Output Capacitance & AC Parametrics
6.7 IDD Specifications & Measurement Conditions
7. Electrical Characteristics and AC Timing
7.1 Refresh Parameters by Device Density
7.2 DDR3 Standard speed bins and AC para
8. DIMM Outline Diagram
8.1 4GB, 512Mx64 Module(2Rank of x8)
8.2 4GB, 512Mx72 ECC Module(2Rank of x8)


Similar Part No. - HMT351U6AFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351U6BFR8C HYNIX-HMT351U6BFR8C Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT351U6BFR8C-G7 HYNIX-HMT351U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT351U6BFR8C-H9 HYNIX-HMT351U6BFR8C-H9 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT351U6BFR8C-PB HYNIX-HMT351U6BFR8C-PB Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT351U6CFR8C HYNIX-HMT351U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
More results

Similar Description - HMT351U6AFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com