Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351U6AFR8C-H9 Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HMT351U6AFR8C-H9
Description  240pin DDR3 SDRAM Unbuffered DIMMs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351U6AFR8C-H9 Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HMT351U6AFR8C-H9 Datasheet HTML 2Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 3Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 4Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 5Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 6Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 7Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 8Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 9Page - Hynix Semiconductor HMT351U6AFR8C-H9 Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 47 page
background image
Rev. 0.02 / Apr 2009
6
HMT351U6AFR8C
HMT351U7AFR8C
1.2 Speed Grade & Key Parameters
1.3 Address Table
MT/S
DDR3-1066
DDR3-1333
Unit
Grade
-G7
-H9
tCK(min)
1.875
1.5
ns
CAS Latency
79
tCK
tRCD(min)
13.125
13.5
ns
tRP(min)
13.125
13.5
ns
tRAS(min)
37.5
36
ns
tRC(min)
50.625
49.5
ns
CL-tRCD-tRP
7-7-7
9-9-9
tCK
HMT351U6AFR8C
HMT351U7AFR8C
Organization
512M x 64
512M x 72
Refresh Method
8K/64ms
8K/64ms
Row Address
A0-A14
A0-A14
Column Address
A0-A9
A0-A9
Bank Address
BA0-BA2
BA0-BA2
Page Size
1KB
1KB
# of Rank
22
# of Device
16
18


Similar Part No. - HMT351U6AFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351U6BFR8C HYNIX-HMT351U6BFR8C Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT351U6BFR8C-G7 HYNIX-HMT351U6BFR8C-G7 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT351U6BFR8C-H9 HYNIX-HMT351U6BFR8C-H9 Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT351U6BFR8C-PB HYNIX-HMT351U6BFR8C-PB Datasheet
464Kb / 56P
   240pin DDR3 SDRAM Registered DIMM
HMT351U6CFR8C HYNIX-HMT351U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
More results

Similar Description - HMT351U6AFR8C-H9

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com