Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5DU12422BT Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # HY5DU12422BT
Description  512Mb DDR SDRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU12422BT Datasheet(HTML) 5 Page - Hynix Semiconductor

  HY5DU12422BT_06 Datasheet HTML 1Page - Hynix Semiconductor HY5DU12422BT_06 Datasheet HTML 2Page - Hynix Semiconductor HY5DU12422BT_06 Datasheet HTML 3Page - Hynix Semiconductor HY5DU12422BT_06 Datasheet HTML 4Page - Hynix Semiconductor HY5DU12422BT_06 Datasheet HTML 5Page - Hynix Semiconductor HY5DU12422BT_06 Datasheet HTML 6Page - Hynix Semiconductor HY5DU12422BT_06 Datasheet HTML 7Page - Hynix Semiconductor HY5DU12422BT_06 Datasheet HTML 8Page - Hynix Semiconductor HY5DU12422BT_06 Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
Rev. 1.1 / Apr. 2006
5
1HY5DU12422B(L)T
HY5DU12822B(L)T
HY5DU121622B(L)T
PIN DESCRIPTION
PIN
TYPE
DESCRIPTION
CK, /CK
Input
Clock: CK and /CK are differential clock inputs. All address and control input signals are
sampled on the crossing of the positive edge of CK and negative edge of /CK. Output
(read) data is referenced to the crossings of CK and /CK (both directions of crossing).
CKE
Input
Clock Enable: CKE HIGH activates, and CKE LOW deactivates internal clock signals, and
device input buffers and output drivers. Taking CKE LOW provides PRECHARGE POWER
DOWN and SELF REFRESH operation (all banks idle), or ACTIVE POWER DOWN (row
ACTIVE in any bank). CKE is synchronous for POWER DOWN entry and exit, and for SELF
REFRESH entry. CKE is asynchronous for SELF REFRESH exit, and for output disable. CKE
must be maintained high throughout READ and WRITE accesses. Input buffers, excluding
CK, /CK and CKE are disabled during POWER DOWN. Input buffers, excluding CKE are
disabled during SELF REFRESH. CKE is an SSTL_2 input, but will detect an LVCMOS LOW
level after VDD is applied.
/CS
Input
Chip Select: Enables or disables all inputs except CK, /CK, CKE, DQS and DM. All com-
mands are masked when CS is registered high. CS provides for external bank selection on
systems with multiple banks. CS is considered part of the command code.
BA0, BA1
Input
Bank Address Inputs: BA0 and BA1 define to which bank an ACTIVE, Read, Write or PRE-
CHARGE command is being applied.
A0 ~ A12
Input
Address Inputs: Provide the row address for ACTIVE commands, and the column address
and AUTO PRECHARGE bit for READ/WRITE commands, to select one location out of the
memory array in the respective bank. A10 is sampled during a precharge command to
determine whether the PRECHARGE applies to one bank (A10 LOW) or all banks (A10
HIGH). If only one bank is to be precharged, the bank is selected by BA0, BA1. The
address inputs also provide the op code during a MODE REGISTER SET command. BA0
and BA1 define which mode register is loaded during the MODE REGISTER SET command
(MRS or EMRS).
/RAS, /CAS, /WE
Input
Command Inputs: /RAS, /CAS and /WE (along with /CS) define the command being
entered.
DM
(LDM,UDM)
Input
Input Data Mask: DM is an input mask signal for write data. Input data is masked when
DM is sampled HIGH along with that input data during a WRITE access. DM is sampled
on both edges of DQS. Although DM pins are input only, the DM loading matches the DQ
and DQS loading. For the x16, LDM corresponds to the data on DQ0-Q7; UDM corre-
sponds to the data on DQ8-Q15.
DQS
(LDQS,UDQS)
I/O
Data Strobe: Output with read data, input with write data. Edge aligned with read data,
centered in write data. Used to capture write data. For the x16, LDQS corresponds to the
data on DQ0-Q7; UDQS corresponds to the data on DQ8-Q15.
DQ
I/O
Data input / output pin: Data bus
VDD/VSS
Supply
Power supply for internal circuits and input buffers.
VDDQ/VSSQ
Supply
Power supply for output buffers for noise immunity.
VREF
Supply
Reference voltage for inputs for SSTL interface.
NC
NC
No connection.


Similar Part No. - HY5DU12422BT_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12422BTP HYNIX-HY5DU12422BTP Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU12422BTP-X HYNIX-HY5DU12422BTP-X Datasheet
396Kb / 37P
   512Mb DDR SDRAM
More results

Similar Description - HY5DU12422BT_06

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
H5DU5182ETR-FAC HYNIX-H5DU5182ETR-FAC Datasheet
352Kb / 29P
   512Mb DDR SDRAM
HY5DU12422AT HYNIX-HY5DU12422AT Datasheet
381Kb / 33P
   512Mb DDR SDRAM
H5DU5182ETR-FAI HYNIX-H5DU5182ETR-FAI Datasheet
353Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43I HYNIX-HY5DU12822DFP-D43I Datasheet
466Kb / 29P
   512Mb DDR SDRAM
HY5DU12822DFP-D43 HYNIX-HY5DU12822DFP-D43 Datasheet
468Kb / 29P
   512Mb DDR SDRAM
HY5DU12422C HYNIX-HY5DU12422C_06 Datasheet
2Mb / 31P
   512Mb DDR SDRAM
H5DU5182EFR-FAJ HYNIX-H5DU5182EFR-FAJ Datasheet
511Kb / 30P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com