Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-166-1AR5 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # V-166-1AR5
Description  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-166-1AR5 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button V-166-1AR5 Datasheet HTML 3Page - Omron Electronics LLC V-166-1AR5 Datasheet HTML 4Page - Omron Electronics LLC V-166-1AR5 Datasheet HTML 5Page - Omron Electronics LLC V-166-1AR5 Datasheet HTML 6Page - Omron Electronics LLC V-166-1AR5 Datasheet HTML 7Page - Omron Electronics LLC V-166-1AR5 Datasheet HTML 8Page - Omron Electronics LLC V-166-1AR5 Datasheet HTML 9Page - Omron Electronics LLC V-166-1AR5 Datasheet HTML 10Page - Omron Electronics LLC V-166-1AR5 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Snap Action Switch
V
127
Engineering Data
■ Contact Form
*
The SPST-NC and SPST-NO contact form types listed in the
ordering information tables are for Pin Plunger models only.
For information concerning lever models consult Omron.
■ Barrier direction (V-21 and V-16)
■ Mounting Holes
All switches may be panel mounted using M3 mounting screws with
plane washers or spring washers to securely mount the switch.
Tighten the screws to a torque of 0.39 to 0.59 N·m.
Mechanical service life
■ Electrical service life
(Pin plunger models)
(Pin plunger models)
V-21/-16/-15/-10
200
100
50
10
0.01
0
0.2 0.4
0.6 0.8 1.0 1.2 1.4 (1.6) 1.8
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Without load
Operating frequency: 600 operations/min
V-10 (0.98 N {100 gf}),
V-11
V-10 (1.96 N
{200 gf})
V-15
V-16
V-21
OT rated value
Full stroke
OT (mm)
V-21/-16/-15
Operating frequency: 60 operations/min
cos
φ = 1, 250 VAC
5
2
1
0.5
0.3
0.1
0
4
8
12
16
202428
V-21
V-15
V-16
Switching current (A)
5
2
1
0.5
0.3
0.1
0
0.5 1 2
3 4 5
6 7 8
9 10 11 12
V-10
V-11
V-11/-10
Switching current (A)
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Operating frequency: 60 operations/min
cos
φ = 1, 250 VAC
Common
terminal
position
Contact form
SPDT
SPST-NC*
SPST-NO*
Bottom type
Side type
Right-hand Barrier
Left-hand Barrier
Two, 3.1-dia. mounting holes or
M3 screw holes
10.3
± 0.1
22.2
± 0.1


Similar Part No. - V-166-1AR5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-166-1AR5 OMRON-V-166-1AR5 Datasheet
1Mb / 16P
   Snap Action Switch
V-166-1AR5 OMRON-V-166-1AR5 Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-166-1AR5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com