Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMT351U7AFR8C Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HMT351U7AFR8C
Description  240pin DDR3 SDRAM Unbuffered DIMMs
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HMT351U7AFR8C Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HMT351U7AFR8C Datasheet HTML 7Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 8Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 9Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 10Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 11Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 12Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 13Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 14Page - Hynix Semiconductor HMT351U7AFR8C Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
Rev. 0.02 / Apr 2009
11
HMT351U6AFR8C
HMT351U7AFR8C
48
NC
NC
168
Reset
Reset
108
DQ56
DQ56
228
DQ61
DQ61
KEY
KEY
109
DQ57
DQ57
229
VSS
VSS
49
NC
NC
169 CKE1/NC
CKE1/NC
110
VSS
VSS
230
DM7
DM7
50
CKE0
CKE0
170
VDD
VDD
111
DQS7DQS7
231
NC
NC
51
VDD
VDD
171
NC
NC
112
DQS7
DQS7
232
VSS
VSS
52
BA2
BA2
172
NC
NC
113
VSS
VSS
233
DQ62
DQ62
53
NC
NC
173
VDD
VDD
114
DQ58
DQ58
234
DQ63
DQ63
54
VDD
VDD
174
A12
A12
115
DQ59
DQ59
235
VSS
VSS
55
All
All
175
A9
A9
116
VSS
VSS
236
VDDSPD
VDDSPD
56
A72
A72
176
VDD
VDD
117
SA0
SA0
237
SA1
SA1
57
VDD
VDD
177
A82
A82
118
SCL
SCL
238
SDA
SDA
58
A52
A52
178
A62
A62
119
SA2
SA2
239
VSS
VSS
59
A42
A42
179
VDD
VDD
120
VTT
VTT
240
VTT
VTT
60
VDD
VDD
180
A32
A32
Front Side(left 1–60) Back Side(right 121–180) Front Side(left 61–120) Back Side(right 181–240)
Pin
#
x64
Non-ECC
x72
ECC
Pin
#
x64
Non-ECC
x72
ECC
Pin
#
x64
Non-ECC
x72
ECC
Pin
#
x64
Non-ECC
x72
ECC
NC = No Connect; RFU = Reserved Future Use
1. NC pins should not be connected to anything on the DIMM, including bussing within the NC group.
2. Address pins A3–A8 and BA0 and BA1 can be mirrored or not mirrored. Please refer to Section 4.1 for more
information on mirrored addresses.


Similar Part No. - HMT351U7AFR8C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT351U7AFR8A-G7 HYNIX-HMT351U7AFR8A-G7 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
HMT351U7AFR8A-H9 HYNIX-HMT351U7AFR8A-H9 Datasheet
544Kb / 51P
   240pin DDR3 SDRAM Registered DIMM
More results

Similar Description - HMT351U7AFR8C

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HMT164U6BFR6C HYNIX-HMT164U6BFR6C Datasheet
505Kb / 55P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT164U6AFP6C-S6 HYNIX-HMT164U6AFP6C-S6 Datasheet
519Kb / 57P
   240pin DDR3 SDRAM Unbuffered DIMMs
HMT351U6MFR8C-S6 HYNIX-HMT351U6MFR8C-S6 Datasheet
1Mb / 47P
   240pin DDR3 SDRAM Unbuffered DIMMs
HYMP164U64CP6-C4 HYNIX-HYMP164U64CP6-C4 Datasheet
266Kb / 29P
   240pin DDR2 SDRAM Unbuffered DIMMs
HMP351U6AFR8C-Y5 HYNIX-HMP351U6AFR8C-Y5 Datasheet
222Kb / 20P
   240pin DDR2 SDRAM Unbuffered DIMMs based on 2Gb A version
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4 Datasheet
406Kb / 26P
   240pin Registered DDR2 SDRAM DIMMs
HMP112P7EFR8C-C4 HYNIX-HMP112P7EFR8C-C4_1 Datasheet
550Kb / 32P
   240pin Registered DDR2 SDRAM DIMMs
HMT451U6MFR8C HYNIX-HMT451U6MFR8C Datasheet
1Mb / 55P
   DDR3 SDRAM Unbuffered DIMMs Based on 4Gb M-Die
HMT325U6CFR8C HYNIX-HMT325U6CFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb C-Die
HMT325U6EFR8C HYNIX-HMT325U6EFR8C Datasheet
1Mb / 57P
   DDR3 SDRAM Unbuffered DIMMs Based on 2Gb E-Die
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com