Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HY5DU28422ETP Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HY5DU28422ETP
Description  128Mb DDR SDRAM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HY5DU28422ETP Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HY5DU28422ETP Datasheet HTML 5Page - Hynix Semiconductor HY5DU28422ETP Datasheet HTML 6Page - Hynix Semiconductor HY5DU28422ETP Datasheet HTML 7Page - Hynix Semiconductor HY5DU28422ETP Datasheet HTML 8Page - Hynix Semiconductor HY5DU28422ETP Datasheet HTML 9Page - Hynix Semiconductor HY5DU28422ETP Datasheet HTML 10Page - Hynix Semiconductor HY5DU28422ETP Datasheet HTML 11Page - Hynix Semiconductor HY5DU28422ETP Datasheet HTML 12Page - Hynix Semiconductor HY5DU28422ETP Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
HY5DU28422ETP
HY5DU28822ETP
HY5DU281622ETP
Rev. 0.3 /Apr. 2006
9
SIMPLIFIED COMMAND TRUTH TABLE
Command
CKEn-1
CKEn
CS
RAS
CAS
WE
ADDR
A10/
AP
BA
Note
Extended Mode Register Set
H
X
LLLL
OP code
1,2
Mode Register Set
H
X
LLLL
OP code
1,2
Device Deselect
HX
H
XXX
X1
No Operation
L
HHH
Bank Active
H
X
L
L
H
H
RA
V
1
Read
H
X
LHLH
CA
L
V
1
Read with Autoprecharge
H1,3
Write
HX
L
H
L
L
CA
L
V
1
Write with Autoprecharge
H1,4
Precharge All Banks
HX
L
L
H
L
X
HX
1,5
Precharge selected Bank
LV
1
Read Burst Stop
H
X
L
H
H
L
X
1
Auto Refresh
H
H
LLL
H
X
1
Self Refresh
Entry
H
L
LLL
H
X
1
Exit
L
H
H
XXX
1
L
HHH
Precharge Power
Down Mode
Entry
H
L
H
XXX
X
1
L
HHH
1
Exit
L
H
H
XXX
1
L
HHH
1
Active Power
Down Mode
Entry
H
L
H
XXX
X
1
L
VVV
1
Exit
L
H
X
1
Note:
1. LDM/UDM states are Don’t Care. Refer to below Write Mask Truth Table.
2. OP Code(Operand Code) consists of A0~A11 and BA0~BA1 used for Mode Register setting during Extended MRS or MRS.
Before entering Mode Register Set mode, all banks must be in a precharge state and MRS command can be issued after tRP
period from Precharge command.
3. If a Read with Autoprecharge command is detected by memory component in CK(n), then there will be no command presented
to activated bank until CK(n+BL/2+tRP).
4. If a Write with Autoprecharge command is detected by memory component in CK(n), then there will be no command presented
to activated bank until CK(n+BL/2+1+tDPL+tRP). Last Data-In to Precharge delay(tDPL) which is also called Write Recovery Time
(tWR) is needed to guarantee that the last data has been completely written.
5. If A10/AP is High when Precharge command being issued, BA0/BA1 are ignored and all banks are selected to be
precharged.
( H=Logic High Level, L=Logic Low Level, X=Don’t Care, V=Valid Data Input, OP Code=Operand Code, NOP=No Operation )


Similar Part No. - HY5DU28422ETP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
More results

Similar Description - HY5DU28422ETP

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5DU28422ET HYNIX-HY5DU28422ET Datasheet
829Kb / 35P
   128Mb DDR SDRAM
logo
Samsung semiconductor
K4H280438B-TCA0 SAMSUNG-K4H280438B-TCA0 Datasheet
669Kb / 53P
   128Mb DDR SDRAM
logo
Hynix Semiconductor
H5DU1262GTR-FA HYNIX-H5DU1262GTR-FA Datasheet
356Kb / 37P
   128Mb DDR SDRAM
HY5DU28422DT HYNIX-HY5DU28422DT Datasheet
409Kb / 33P
   128Mb-S DDR SDRAM
logo
White Electronic Design...
WED3EG6417S-D4 WEDC-WED3EG6417S-D4 Datasheet
451Kb / 7P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
logo
Elpida Memory
EBD12RB8ALFA ELPIDA-EBD12RB8ALFA Datasheet
155Kb / 16P
   128MB Registered DDR SDRAM DIMM
EBD12RB8ALFB ELPIDA-EBD12RB8ALFB Datasheet
207Kb / 17P
   128MB Registered DDR SDRAM DIMM
EBD13UB6ALS ELPIDA-EBD13UB6ALS Datasheet
174Kb / 16P
   128MB DDR SDRAM S.O. DIMM
logo
White Electronic Design...
W3EG6418S-D3 WEDC-W3EG6418S-D3 Datasheet
205Kb / 12P
   128MB - 16Mx64 DDR SDRAM UNBUFFERED
WED3EG7218S-JD3 WEDC-WED3EG7218S-JD3 Datasheet
197Kb / 12P
   128MB - 16Mx72 DDR SDRAM UNBUFFERED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com