Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVD-482XC Datasheet(PDF) 3 Page - Unity Opto Technology

Part # UVD-482XC
Description  0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVD-482XC Datasheet(HTML) 3 Page - Unity Opto Technology

  UVD-482XC Datasheet HTML 1Page - Unity Opto Technology UVD-482XC Datasheet HTML 2Page - Unity Opto Technology UVD-482XC Datasheet HTML 3Page - Unity Opto Technology UVD-482XC Datasheet HTML 4Page - Unity Opto Technology UVD-482XC Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.4 inch ( 10.21 mm )
DUAL DIGIT NUMERIC LED DISPLAYS
UVD-4X2XC SERIES
PIN CONNECTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ELECTRICAL/OPTICAL CHARACTERISTICS
HI.EFF. RED (UVD-432HRC / 482HRC)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
500
1300
µcd
λp/Hue
635/623
nm
∆λ
40
nm
VF
2.1
2.6
V
IR
100
µA
Iv- m
2:1
BRIGHT RED (UVD-432PC / 482PC)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
200
500
µcd
λp/Hue
697/657
nm
∆λ
90
nm
VF
2.1
2.6
V
IR
100
µA
Iv- m
2:1
11/14/2000
Spectral Line Half-Width
IF = 20 mA
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, Per Segment
IF = 20 mA
Reverse Current, Per Segment
VR = 5 V
Average Luminous Intensity
IF = 10 mA
Peak Emission Wavelength
IF = 20 mA
ANODE F 9 DIGIT 2)
ANODE B (DIGIT 2)
PARAMETER
TEST CONDITION
PARAMETER
Average Luminous Intensity
Peak Emission Wavelength
CATHODE B (DIGIT 2)
TEST CONDITION
IF = 10 mA
IF = 20 mA
CATHODE C (DIGIT 1)
CATHODE E (DIGIT 1)
CATHODE D (DIGIT 1)
CATHODE B (DIGIT 1)
CATHODE F (DIGIT 1)
COMMON ANODE (DIGIT 1)
COMMON ANODE (DIGIT 2)
CATHODE D (DIGIT 2)
CATHODE E (DIGIT 2)
ANODE E (DIGIT 2)
ANODE C (DIGIT 2)
ANODE G (DIGIT 2)
ANODE A (DIGIT 2)
IF = 20 mA
Reverse Current, Per Segment
Luminous Intensity Matching Ratio
Forward Voltage, Per Segment
Spectral Line Half-Width
IF = 20 mA
VR = 5 V
IF = 10 mA
ANODE B (DIGIT 1)
ANODE F (DIGIT 1)
CATHODE A (DIGIT 1)
CATHODE G (DIGIT 1)
ANODE A (DIGIT 1)
ANODE G (DIGIT 1)
PIN
UVD-482XC
UVD-432XC
CONNECTION
ANODE C (DIGIT 1)
ANODE E (DIGIT 1)
ANODE D (DIGIT 1)
ANODE D (DIGIT 2)
COMMON CATHODE (DIGIT 1)
COMMON CATHODE (DIGIT 2)
CATHODE C (DIGIT 2)
CATHODE G (DIGIT 2)
CATHODE A (DIGIT 2)
CATHODE F (DIGIT 2)
Unity Opto Technology Co., Ltd.


Similar Part No. - UVD-482XC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVD-322 UOT-UVD-322 Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-323 UOT-UVD-323 Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-561 UOT-UVD-561 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
UVD-571 UOT-UVD-571 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVD-482XC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-4X01 UOT-UVS-4X01 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-40XXA UOT-UVS-40XXA Datasheet
64Kb / 5P
   0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Lite-On Technology Corp...
LTD-482PC LITEON-LTD-482PC Datasheet
141Kb / 5P
   0.4-INCH (10.21-mm) DIGIT HEIGHT
logo
Micro Electronics
MS241A MICRO-ELECTRONICS-MS241A Datasheet
67Kb / 2P
   0.4 DUAL DIGIT NUMERIC DISPLAYS
MS245A MICRO-ELECTRONICS-MS245A Datasheet
76Kb / 2P
   0.4 DUAL DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVD-6XX0 UOT-UVD-6XX0 Datasheet
71Kb / 5P
   0.56 inch ( 14.22 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Everlight Electronics C...
ELD-426USOWA EVERLIGHT-ELD-426USOWA Datasheet
91Kb / 6P
   0.4 inch Dual Digit Displays
ELD-425USOWA-S530-A3 EVERLIGHT-ELD-425USOWA-S530-A3 Datasheet
93Kb / 6P
   0.4 inch Dual Digit Displays
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com