Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVD-482XC Datasheet(PDF) 1 Page - Unity Opto Technology

Part # UVD-482XC
Description  0.4 inch ( 10.21 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVD-482XC Datasheet(HTML) 1 Page - Unity Opto Technology

  UVD-482XC Datasheet HTML 1Page - Unity Opto Technology UVD-482XC Datasheet HTML 2Page - Unity Opto Technology UVD-482XC Datasheet HTML 3Page - Unity Opto Technology UVD-482XC Datasheet HTML 4Page - Unity Opto Technology UVD-482XC Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.4 inch ( 10.21 mm )
DUAL DIGIT NUMERIC LED DISPLAYS
UVD-4X2XC SERIES
DESCRIPTION
The UVD-432XC/482XC is 0.4 inch ( 10.21 mm ) height dual digit display.
Choices of four colors-high efficiency red/bright red/green/red orange.
High efficiency red, bright red and red orange display have red face and red segments.
Green display has gray face and green segments.
The bright red and green LED chip are made from GaP on a transparent GaP substrate.
The red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Continuous uniform segments.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
75
75
mW
25
25
mA
0.33
0.33
mA/
oC
5
5
V
11/14/2000
Storage Temperature Range
Continuous Forward Current Per Segment
Derating Linear From 25
oC Per Segment
-35
oCto+85oC
-35
oCto+85oC
25
0.33
PARAMETER
HI.EFF.
RED
75
Operating Temperature Range
Reverse Voltage Per Segment
100
Power Dissipation Per Segment
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
100
INTERNAL
CIRCUIT DIAGRAM
Fig. 2
UNIT
mA
RED
ORANGE
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
0.2
5
BRIGHT
RED
40
60
15
5
100
GREEN
l
Industuy Standard Size
l
Wide Viewing angle
PACKAGE
DIMENSION
Fig. 1
PART NO.
UVD-432XC
UVD-482XC
DESCRIPTION
Common Cathode
Common Anode
Unity Opto Technology Co., Ltd.


Similar Part No. - UVD-482XC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVD-322 UOT-UVD-322 Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-323 UOT-UVD-323 Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-561 UOT-UVD-561 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
UVD-571 UOT-UVD-571 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVD-482XC

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-4X01 UOT-UVS-4X01 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-40XXA UOT-UVS-40XXA Datasheet
64Kb / 5P
   0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
Lite-On Technology Corp...
LTD-482PC LITEON-LTD-482PC Datasheet
141Kb / 5P
   0.4-INCH (10.21-mm) DIGIT HEIGHT
logo
Micro Electronics
MS241A MICRO-ELECTRONICS-MS241A Datasheet
67Kb / 2P
   0.4 DUAL DIGIT NUMERIC DISPLAYS
MS245A MICRO-ELECTRONICS-MS245A Datasheet
76Kb / 2P
   0.4 DUAL DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVD-6XX0 UOT-UVD-6XX0 Datasheet
71Kb / 5P
   0.56 inch ( 14.22 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVD-32X UOT-UVD-32X Datasheet
72Kb / 5P
   0.3 inch ( 7.62 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
logo
Everlight Electronics C...
ELD-426USOWA EVERLIGHT-ELD-426USOWA Datasheet
91Kb / 6P
   0.4 inch Dual Digit Displays
ELD-425USOWA-S530-A3 EVERLIGHT-ELD-425USOWA-S530-A3 Datasheet
93Kb / 6P
   0.4 inch Dual Digit Displays
logo
Micro Electronics
MS141A MICRO-ELECTRONICS-MS141A Datasheet
63Kb / 2P
   0.4 SINGLE DIGIT NUMERIC DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com