Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD216726A6J-J Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HYMD216726A6J-J
Description  Unbuffered DDR SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216726A6J-J Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HYMD216726A6J-J Datasheet HTML 3Page - Hynix Semiconductor HYMD216726A6J-J Datasheet HTML 4Page - Hynix Semiconductor HYMD216726A6J-J Datasheet HTML 5Page - Hynix Semiconductor HYMD216726A6J-J Datasheet HTML 6Page - Hynix Semiconductor HYMD216726A6J-J Datasheet HTML 7Page - Hynix Semiconductor HYMD216726A6J-J Datasheet HTML 8Page - Hynix Semiconductor HYMD216726A6J-J Datasheet HTML 9Page - Hynix Semiconductor HYMD216726A6J-J Datasheet HTML 10Page - Hynix Semiconductor HYMD216726A6J-J Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
HYMD216726A(L)6J-J
Rev. 0.2/Jul. 02
7
DC CHARACTERISTICS I (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Note :
1. VIN = 0 to 3.6V, All other pins are not tested under VIN =0V
2. DOUT is disabled, VOUT=0 to 2.7V
Parameter
Symbol
Min.
Max
Unit
Note
Input Leakage
Current
Add, CMD, /CS, /CKE
ILI
-10
10
uA
1
CK, /CK
-12
12
Output Leakage Current
ILO
-5
5
uA
2
Output High Voltage
VOH
VTT + 0.76
-
V
IOH = -15.2mA
Output Low Voltage
VOL
-VTT - 0.76
V
IOL = +15.2mA


Similar Part No. - HYMD216726A6J-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216726A6-H HYNIX-HYMD216726A6-H Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726A6-K HYNIX-HYMD216726A6-K Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726A6-L HYNIX-HYMD216726A6-L Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD216726A6J-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726A6-M HYNIX-HYMD216726A6-M Datasheet
243Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216M646CL6-J HYNIX-HYMD216M646CL6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-J HYNIX-HYMD232M646CF6-J Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M726AL6-J HYNIX-HYMD216M726AL6-J Datasheet
302Kb / 19P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com