Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD216726AL6-M Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMD216726AL6-M
Description  Unbuffered DDR SO-DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD216726AL6-M Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMD216726AL6-M Datasheet HTML 1Page - Hynix Semiconductor HYMD216726AL6-M Datasheet HTML 2Page - Hynix Semiconductor HYMD216726AL6-M Datasheet HTML 3Page - Hynix Semiconductor HYMD216726AL6-M Datasheet HTML 4Page - Hynix Semiconductor HYMD216726AL6-M Datasheet HTML 5Page - Hynix Semiconductor HYMD216726AL6-M Datasheet HTML 6Page - Hynix Semiconductor HYMD216726AL6-M Datasheet HTML 7Page - Hynix Semiconductor HYMD216726AL6-M Datasheet HTML 8Page - Hynix Semiconductor HYMD216726AL6-M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HYMD216726A(L)6-M/K/H/L
Rev. 0.2/May. 02
3
FUNCTIONAL BLOCK DIAGRAM
Serial PD
A0
A1
A2
SA0
SA1
SA2
SCL
WP
BA0-BA1
BA0-BA1 : SDRAMs D0 – D4
A0 - A12
A0 - A12 : SDRAMs D0 – D4
/RAS
/RAS : SDRAMs D0 – D4
/CAS
/CAS : SDRAMs D0 – D4
CKE0
CKE : SDRAMs D0 – D4
/WE
/WE : SDRAMs D0 – D4
/CS0
D0
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DM1
DQS1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DM0
DQS0
D1
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM3
DQS3
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DM2
DQS2
D2
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM5
DQS5
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DM4
DQS4
D3
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM7
DQS7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DM6
DQS6
SDA
Notes:
DQ wiring may differ from that described in this
drawing; however DQ/DM/DQS relationships
are maintained as shown.
VDDID strap connections
(for memory device VDD, VDDQ) :
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD = VDDQ
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 – D4
D0 – D4
D0 – D4
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD/VDDQ
D4
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
VDDQ
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DM8
DQS8
Serial PD
A0
A1
A2
SA0
SA1
SA2
SCL
WP
BA0-BA1
BA0-BA1 : SDRAMs D0 – D4
A0 - A12
A0 - A12 : SDRAMs D0 – D4
/RAS
/RAS : SDRAMs D0 – D4
/CAS
/CAS : SDRAMs D0 – D4
CKE0
CKE : SDRAMs D0 – D4
/WE
/WE : SDRAMs D0 – D4
/CS0
D0
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ8
DQ9
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DM1
DQS1
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DM0
DQS0
D1
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM3
DQS3
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DM2
DQS2
D1
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM3
DQS3
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DM2
DQS2
D2
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM5
DQS5
DQ32
DQ33
DQ34
DQ35
DQ36
DQ37
DQ38
DQ39
DM4
DQS4
D3
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM7
DQS7
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DM6
DQS6
SDA
Notes:
DQ wiring may differ from that described in this
drawing; however DQ/DM/DQS relationships
are maintained as shown.
VDDID strap connections
(for memory device VDD, VDDQ) :
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD = VDDQ
Notes:
DQ wiring may differ from that described in this
drawing; however DQ/DM/DQS relationships
are maintained as shown.
VDDID strap connections
(for memory device VDD, VDDQ) :
Strap out :(open) : VDD=VDDQ
Strap In (Vss) : VDD = VDDQ
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 – D4
D0 – D4
D0 – D4
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD/VDDQ
.
VDDSPD
VREF
VSS
VDDID
SPD
D0 – D4
D0 – D4
D0 – D4
=
.
=
.
. =
.
.
.
..
Strap:see Note 4
VDD/VDDQ
D4
/CS
LDQS
LDM
I/O 6
I/O 4
I/O 1
I/O 3
I/O 2
I/O 0
I/O 5
I/O 7
UDQS
UDM
I/O 8
I/O 10
I/O 15
I/O 13
I/O 12
I/O 14
I/O 11
I/O 9
VDDQ
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DM8
DQS8


Similar Part No. - HYMD216726AL6-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216726AL6J-J HYNIX-HYMD216726AL6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
More results

Similar Description - HYMD216726AL6-M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD216726A6J-J HYNIX-HYMD216726A6J-J Datasheet
217Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD264M646BF8-J HYNIX-HYMD264M646BF8-J Datasheet
541Kb / 19P
   Unbuffered DDR SO-DIMM
HYMD264M646BLF8-D43 HYNIX-HYMD264M646BLF8-D43 Datasheet
563Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD512M646AFS8-D43 HYNIX-HYMD512M646AFS8-D43 Datasheet
382Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD564M646A8-J HYNIX-HYMD564M646A8-J Datasheet
317Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216726C6-M HYNIX-HYMD216726C6-M Datasheet
268Kb / 16P
   Unbuffered DDR SO-DIMM
HYMD564M646AL6-D43 HYNIX-HYMD564M646AL6-D43 Datasheet
332Kb / 17P
   Unbuffered DDR SO-DIMM
HYMD216M646CL6-J HYNIX-HYMD216M646CL6-J Datasheet
319Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD232M646CF6-J HYNIX-HYMD232M646CF6-J Datasheet
462Kb / 20P
   Unbuffered DDR SO-DIMM
HYMD216M726AL6-J HYNIX-HYMD216M726AL6-J Datasheet
302Kb / 19P
   Unbuffered DDR SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com