Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EE-SX3080 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SX3080
Description  Photomicrosensor (Transmissive)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX3080 Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SX3080 Datasheet HTML 1Page - Omron Electronics LLC EE-SX3080 Datasheet HTML 2Page - Omron Electronics LLC EE-SX3080 Datasheet HTML 3Page - Omron Electronics LLC EE-SX3080 Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Photomicrosensor (Transmissive)
EE-SX3080/-SX4080
261
I Engineering Data
Note: The values in the parentheses apply to the EE-SX4080.
2.1 mm
0.5 mm
0.5 mm
Disk
Input
Output
Input
Output
EE-SX3080
EE-SX4080
Note: 1.Hysteresis denotes the difference in forward LED
current value, expressed in percentage, calculated
from the respective forward LED currents when the
photo IC in turned from ON to OFF and when the
photo IC in turned from OFF to ON.
2. The value of the response frequency is measured
by rotating the disk as shown below.
3. The following illustrations show the definition of response
delay time. The value in the parentheses applies to the EE-
SX4080.
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
LED Current vs. Supply Voltage
(Typical)
Low-level Output Voltage vs.
Output Current (Typical)
Current Consumption vs. Supply
Voltage (Typical)
Response Delay Time vs. Forward
Current (Typical)
Repeat Sensing Position
Characteristics (Typical)
Distance d (mm)
Center of optical axis
Supply voltage VCC (V)
Supply voltage VCC (V)
Forward current IF (mA)
IFT OFF (IFT ON)
IFT ON (IFT OFF)
VCC = 5 V
IF = 0 mA (15 mA)
IOL = 16 mA
IOL = 5 mA
Ta = 25
°C
IF = 0 mA (15 mA)
VCC = 5 V
RL = 330
Ta = 25
°C
VOUT
(EE-SX3
@@)
VOUT
(EE-SX4
@@)
Ta = 25
°C
IF = 15 mA
VCC = 5 V
RL = 330
n = repeat 20 times
d1 = 0.01 mm
Ambient temperature Ta (
°C)
Forward voltage VF (V)
Ta = 25
°C
RL = 1 k
IF = 0 mA (15 mA)
VCC = 5 V
Ta = 25
°C
IFT OFF (IFT ON)
IFT ON (IFT OFF)
Ambient temperature Ta (
°C)
VCC = 5 V
RL = 330
Ta =
−30°C
Ta = 25
°C
Ta = 70
°C
Output current IC (mA)
Ambient temperature Ta (
°C)
Low-level Output Voltage vs. Am-
bient Temperature Characteristics
(Typical)
LED Current vs. Ambient Temper-
ature Characteristics (Typical)


Similar Part No. - EE-SX3080

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX3081 OMRON-EE-SX3081 Datasheet
634Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX3081 OMRON-EE-SX3081 Datasheet
216Kb / 4P
   Incorporates an IC chip with a built-in detector element and amplifier.
EE-SX3088 OMRON-EE-SX3088 Datasheet
637Kb / 4P
   EE-SX3088
EE-SX3088-W11 OMRON-EE-SX3088-W11 Datasheet
196Kb / 2P
   General-purpose model with a 3.4-mm-wide slot.
More results

Similar Description - EE-SX3080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EE-SX1103 ETC-EE-SX1103 Datasheet
224Kb / 2P
   Photomicrosensor (Transmissive)
logo
Omron Electronics LLC
EE-SX1035 OMRON-EE-SX1035 Datasheet
645Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1096 OMRON-EE-SX1096 Datasheet
660Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX4235A-P2 OMRON-EE-SX4235A-P2 Datasheet
547Kb / 4P
   Photomicrosensor (Transmissive)
EE-SH3 OMRON-EE-SH3_1 Datasheet
263Kb / 4P
   Photomicrosensor (Transmissive)
EE-SJ3 OMRON-EE-SJ3 Datasheet
249Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1057 OMRON-EE-SX1057 Datasheet
230Kb / 4P
   Photomicrosensor (Transmissive)
EE-SJ3-C OMRON-EE-SJ3-C Datasheet
430Kb / 3P
   Photomicrosensor (Transmissive)
EESX1140 OMRON-EESX1140 Datasheet
81Kb / 2P
   Photomicrosensor (Transmissive)
EE-SX1070 OMRON-EE-SX1070 Datasheet
623Kb / 4P
   Photomicrosensor (Transmissive)
EE-SX1106 OMRON-EE-SX1106 Datasheet
713Kb / 4P
   Photomicrosensor (Transmissive)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com