Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HYMD232646A8J-J Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HYMD232646A8J-J
Description  Unbuffered DDR SDRAM DIMM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD232646A8J-J Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HYMD232646A8J-J Datasheet HTML 3Page - Hynix Semiconductor HYMD232646A8J-J Datasheet HTML 4Page - Hynix Semiconductor HYMD232646A8J-J Datasheet HTML 5Page - Hynix Semiconductor HYMD232646A8J-J Datasheet HTML 6Page - Hynix Semiconductor HYMD232646A8J-J Datasheet HTML 7Page - Hynix Semiconductor HYMD232646A8J-J Datasheet HTML 8Page - Hynix Semiconductor HYMD232646A8J-J Datasheet HTML 9Page - Hynix Semiconductor HYMD232646A8J-J Datasheet HTML 10Page - Hynix Semiconductor HYMD232646A8J-J Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
HYMD232646A8J
Rev. 0.2 / Apr. 2003
7
DC CHARACTERISTICS I (TA=0 to 70oC, Voltage referenced to VSS = 0V)
Note :
1. VIN = 0 to 3.6V, All other pins are not tested under VIN =0V
2. DOUT is disabled, VOUT=0 to 2.7V
Parameter
Symbol
Min.
Max
Unit
Note
Input Leakage
Current
Add, CMD, /CS, /CKE
ILI
-16
16
uA
1
CK, /CK
-12
12
Output Leakage Current
ILO
-5
5
uA
2
Output High Voltage
VOH
VTT + 0.76
-
V
IOH = -15.2mA
Output Low Voltage
VOL
-VTT - 0.76
V
IOL = +15.2mA


Similar Part No. - HYMD232646A8J-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD232646A8-H HYNIX-HYMD232646A8-H Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646A8-K HYNIX-HYMD232646A8-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646A8-L HYNIX-HYMD232646A8-L Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646A8-M HYNIX-HYMD232646A8-M Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD232646A8J-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT6472AG MICRON-MT9VDDT6472AG Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT3272AY MICRON-MT9VDDT3272AY Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com