Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC755LP4E Datasheet(PDF) 6 Page - Hittite Microwave Corporation

Part # HMC755LP4E
Description  GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC755LP4E Datasheet(HTML) 6 Page - Hittite Microwave Corporation

  HMC755LP4E Datasheet HTML 1Page - Hittite Microwave Corporation HMC755LP4E Datasheet HTML 2Page - Hittite Microwave Corporation HMC755LP4E Datasheet HTML 3Page - Hittite Microwave Corporation HMC755LP4E Datasheet HTML 4Page - Hittite Microwave Corporation HMC755LP4E Datasheet HTML 5Page - Hittite Microwave Corporation HMC755LP4E Datasheet HTML 6Page - Hittite Microwave Corporation HMC755LP4E Datasheet HTML 7Page - Hittite Microwave Corporation HMC755LP4E Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
11
11 - 349
HMC755LP4E
v00.0709
GaAs MMIC 1 WATT
POWER AMPLIFIER, 2.3 - 2.8 GHz
Pin Number
Function
Description
Interface Schematic
1, 3, 5, 6, 12 - 14,
18, 19, 21, 22, 24
N/C
These pins are not connected internally. However, all data
shown herein was measured with these pins connected to
RF/DC ground.
2GND
Ground: Backside of package has exposed metal paddle
that must be connected to ground thru a short path.
Vias under the device are required.
4RFIN
This pin is DC coupled
and matched to 50 Ohms.
7
VCS
DC power supply pin for bias circuitry.
8 - 10
VEN1 - 3
Power control pins. For max power these
pins should be connected to 5V. This voltage
can be reduced, or R1-R4 resistor values increased
to reduce the quiescent current.
For full power down, apply V <0.5V
11
VDET
DC voltage output proportional to RFOUT signal.
15, 16, 17
RFOUT
RF output and DC bias for the output stage. External
RF matching, bypass capacitors, and pull up choke are
required as shown in the application circuit.
20
Vcc2
Power supply voltage for the second amplifier stage.
External bypass capacitors and pull up choke are required
as shown in the application schematic.
23
Vcc1
Power supply voltage for the first amplifier stage. External
bypass capacitors are required as shown in the application
schematic.
Pin Descriptions


Similar Part No. - HMC755LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC755LP4E HITTITE-HMC755LP4E Datasheet
1Mb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
More results

Similar Description - HMC755LP4E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC755LP4E HITTITE-HMC755LP4E_10 Datasheet
1Mb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER, 2.3 - 2.8 GHz
logo
Analog Devices
HMC637A AD-HMC637A Datasheet
374Kb / 8P
   GaAs MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC414MS8G HITTITE-HMC414MS8G_01 Datasheet
322Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC414MS8G HITTITE-HMC414MS8G_09 Datasheet
246Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC414MS8G HITTITE-HMC414MS8G Datasheet
364Kb / 8P
   GaAs InGaP HBT MMIC POWER AMPLIFIER, 2.2 - 2.8 GHz
HMC756 HITTITE-HMC756 Datasheet
289Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 16 - 24 GHz
HMC-APH462 HITTITE-HMC-APH462 Datasheet
236Kb / 6P
   GaAs HEMT MMIC 1 WATT POWER AMPLIFIER, 15 - 27 GHz
HMC637 HITTITE-HMC637 Datasheet
609Kb / 8P
   GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC637LP5 HITTITE-HMC637LP5 Datasheet
931Kb / 8P
   GaAs MESFET MMIC 1 WATT POWER AMPLIFIER, DC - 6 GHz
HMC590LP5 HITTITE-HMC590LP5_09 Datasheet
279Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 6.0 - 9.5 GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com