Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DZ-10GV22-1A Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # DZ-10GV22-1A
Description  Special-purpose Basic Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

DZ-10GV22-1A Datasheet(HTML) 3 Page - Omron Electronics LLC

  DZ-10GV22-1A Datasheet HTML 1Page - Omron Electronics LLC DZ-10GV22-1A Datasheet HTML 2Page - Omron Electronics LLC DZ-10GV22-1A Datasheet HTML 3Page - Omron Electronics LLC DZ-10GV22-1A Datasheet HTML 4Page - Omron Electronics LLC DZ-10GV22-1A Datasheet HTML 5Page - Omron Electronics LLC DZ-10GV22-1A Datasheet HTML 6Page - Omron Electronics LLC DZ-10GV22-1A Datasheet HTML 7Page - Omron Electronics LLC DZ-10GV22-1A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Special-purpose Basic Switch
DZ
91
Engineering Data
■ Mechanical Durability (DZ-10G-1B)
■ Electrical Durability (DZ-10G-1B)
■ Structure
Contact Form (DPDT)
Dimensions
Note: Unless otherwise specified, all units are in millimeters and a tolerance of
± 0.4 mm applies to all dimensions.
■ Terminals
Screw Terminals (-1B)
Solder Terminals (-1A)
■ Mounting
All switches can be mounted using M4 mounting screws with plane
washers or spring washers to securely mount the Switch. Tighten the
screws to a torque of 1.18 to 1.47 N·m.
10,000
7,000
5,000
3,000
1,000
700
500
300
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Overtravel (mm)
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Without load
Operating frequency: 240 operations/min
1,000
700
500
300
100
70
50
30
10
0
5
10
15
Switching current (A)
250 VAC
125 VAC
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%RH
Operating frequency: 20 operations/min
cos
φ =1
COM2
NC2
NO2
COM1
NC1
NO1
COM
NC
NO
COM
NC
NO
17.45±0.2
25.4±0.1
11.9
49.2
8.2
14.5
23.5
16.8
Six M3 pan head screws
(with toothed washer)
NC
NO
COM
NC
NO
COM
17.45±0.2
25.4±0.1
11.9
49.2
8.2
14.5
23.5
16.8
25.4 ±0.1
Two, 4.2 dia. mounting holes or
M4 screw holes
Accessories (Terminal Covers, and Separators): Refer to ‘Z/A/X/DZ Common Accessories’ datasheet


Similar Part No. - DZ-10GV22-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
DZ-10G-B OMRON-DZ-10G-B Datasheet
1Mb / 6P
   Common Accessories
More results

Similar Description - DZ-10GV22-1A

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PSP1 SYSTEMSENSOR-PSP1 Datasheet
148Kb / 2P
   Special Purpose Supervisory Switch
logo
Omron Electronics LLC
Z-15G OMRON-Z-15G Datasheet
5Mb / 18P
   General-purpose Basic Switch
X-10G OMRON-X-10G Datasheet
3Mb / 8P
   General-purpose Basic Switch
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
V3-601 ETC2-V3-601 Datasheet
51Kb / 1P
   SWITCH-BASIC
BZ-RW843515 ETC2-BZ-RW843515 Datasheet
47Kb / 1P
   SWITCH-BASIC
logo
Honeywell Accelerometer...
4SX36-T HONEYWELL-ACC-4SX36-T Datasheet
55Kb / 1P
   SWITCH BASIC
6BS1-B HONEYWELL-ACC-6BS1-B Datasheet
59Kb / 1P
   SWITCH-BASIC
logo
List of Unclassifed Man...
V3-19 ETC2-V3-19 Datasheet
44Kb / 1P
   SWITCH-BASIC
V3-115 ETC2-V3-115 Datasheet
48Kb / 1P
   SWITCH-BASIC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com