Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-15G1-1C25-K Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # V-15G1-1C25-K
Description  Snap Action Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15G1-1C25-K Datasheet(HTML) 4 Page - Omron Electronics LLC

  V-15G1-1C25-K Datasheet HTML 1Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 2Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 3Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 4Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 5Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 6Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 7Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 8Page - Omron Electronics LLC V-15G1-1C25-K Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
124
Snap Action Switch
V
Thermosetting Case
Standard models - 15 A / 10 A
Note: 1. For SPST-NC and SPST-NO with levers consult Omron.
2. Not all combinations are available. Consult Omron regarding nomenclature combinations and part numbers not found in this datasheet.
Heat Resistant Models (Up to 150
°C) - 15 A / 10A
Note: 1. Add “G” to the part number in the appropriate location to obtain a 0.5 mm contact gap. Add “-K” to the part number in the appropriate
location to obtain 2.9 mm mounting holes. Add “C2” to the part number in the appropriate location to obtain versions with #187 quick-
connect terminals. Example: 1) V-15G1-1C25-T-K
2. Not all combinations are available. Consult Omron regarding nomenclature combinations and part numbers not found in this datasheet.
Common
terminal
position
Contact
form
Terminal style
Actuator
15 A
10 A
200 gf
200 gf
100 gf
Bottom
SPDT
A
V-15G-1A5-K
V-10G-1A5-K
V-10G-1A4-K
C2
V-15G-1C25-K
V-10G-1C25-K
V-10G-1C24-K
C
V-15G-1C5-K
SPST-NCA
V-15G-2A5-K
V-10G-2A5-K
V-10G-2A4-K
C2
V-15G-2C25-K
V-10G-2C25-K
V-10G-2C24-K
SPST-NOA
V-15G-3A5-K
V-10G-3A5-K
V-10G-3A4-K
C2
V-15G-3C25-K
V-10G-3C25-K
V-10G-3C24-K
C
V-15G-3C5-K
Side
SPDT
A
V-15G-4A5-K
V-10G-4A5-K
V-10G-4A4-K
SPST-NC
V-15G-5A5-K
V-10G-5A5-K
V-10G-5A4-K
SPST-NO
V-15G-6A5-K
V-10G-6A5-K
V-10G-6A4-K
Bottom
SPDT
A
V-15G1-1A5-K
V-10G1-1A5-K
V-10G1-1A4-K
C2
V-15G1-1C25-K
V-10G1-1C25-K
V-10G1-1C24-K
A
V-15G2-1A5-K
V-10G2-1A5-K
V-10G2-1A4-K
C2
V-15G2-1C25-K
V-10G2-1C25-K
V-10G2-1C24-K
A
V-15G3-1A5-K
V-10G3-1A5-K
V-10G3-1A4-K
C2
V-15G3-1C25-K
V-10G3-1C25-K
V-10G3-1C24-K
A
V-15G4-1A5-K
V-10G4-1A5-K
V-10G4-1A4-K
C2
V-15G4-1C25-K
V-10G4-1C25-K
V-10G4-1C24-K
A
V-15G5-1A5-K
V-10G5-1A5-K
V-10G5-1A4-K
C2
V-15G5-1C25-K
V-10G5-1C25-K
V-10G5-1C24-K
A
V-15G6-1A5-K
V-10G6-1A5-K
V-10G6-1A4-K
C2
V-15G6-1C25-K
V-10G6-1C24-K
Common
terminal
position
Contact
form
Terminal style
Actuator
15 A
10 A
200 gf
100 gf
Bottom
SPDT
Solder Terminals
(A)
V-15-1A5-T
V-10-1A4-T
V-151-1A5-T
V-101-1A4-T
V-152-1A5-T
V-102-1A4-T
V-153-1A5-T
V-103-1A4-T
V-154-1A5-T
V-104-1A4-T
V-155-1A5-T
V-105-1A4-T
V-156-1A5-T
V-106-1A4-T
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever
Pin plunger
Short hinge lever
Hinge lever
Long hinge lever
Simulated roller lever
Short hinge roller lever
Hinge roller lever


Similar Part No. - V-15G1-1C25-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-15G1-1C25-K OMRON-V-15G1-1C25-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G1-1C25-K OMRON-V-15G1-1C25-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G1-1C25-K OMRON-V-15G1-1C25-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-15G1-1C25-K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V1141C4 OMRON-V1141C4 Datasheet
1Mb / 16P
   Snap Action Switch
logo
Highly Electric Co., Lt...
VS10N HIGHLY-VS10N Datasheet
947Kb / 3P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
SS5GL-13F OMRON-SS5GL-13F Datasheet
598Kb / 8P
   Snap Action Switch
V-15-1B5 OMRON-V-15-1B5 Datasheet
1Mb / 16P
   Snap Action Switch
SS-01-ED OMRON-SS-01-ED Datasheet
676Kb / 10P
   Snap Action Switch
A-20G OMRON-A-20G Datasheet
988Kb / 8P
   Snap Action Switch
logo
Highly Electric Co., Lt...
SRO HIGHLY-SRO Datasheet
7Mb / 4P
   SNAP ACTION SWITCH
Z15G HIGHLY-Z15G Datasheet
436Kb / 5P
   SNAP ACTION SWITCH
logo
Omron Electronics LLC
VX-5-1A2 OMRON-VX-5-1A2 Datasheet
681Kb / 8P
   Snap Action Switch
D2F OMRON-D2F Datasheet
703Kb / 8P
   Snap Action Switch
V15G1C25T OMRON-V15G1C25T Datasheet
1Mb / 16P
   Snap Action Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com