Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3DZ Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3DZ
Description  Solid State Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3DZ Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3DZ Datasheet HTML 1Page - Omron Electronics LLC G3DZ Datasheet HTML 2Page - Omron Electronics LLC G3DZ Datasheet HTML 3Page - Omron Electronics LLC G3DZ Datasheet HTML 4Page - Omron Electronics LLC G3DZ Datasheet HTML 5Page - Omron Electronics LLC G3DZ Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
370
Solid State Relay
G3DZ
■ Characteristics
Note: These values are under the measurement conditions whereby rated voltages are applied to the input.
Engineering Data
Load Current vs. Ambient Temperature Characteristics
Inrush Current Resistivity
Operate time (see note)
6 ms max.
Release time (see note)
10 ms max.
Output ON-resistance (see note) 2.4
Ω max.
Leakage current
10
μA max. (at 125 VDC)
Insulation resistance
100 M
Ω min. (500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min between input and output
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction: 1,000 m/s2
Ambient temperature
Operating:
Storage:
-30
°C to 85°C (with no icing or condensation)
-30
°C to 100°C (with no icing or condensation)
Approved standards
UL File No. E64562
CSA File No. LR35535
Ambient humidity
Operating 45% to 85%
Weight
Approx. 3.1 g
G3DZ-2R6PL
G3DZ-2R6PL
Ambient temperature (
°C)
Energized time (ms)
Non-repetitive (Keep the inrush current to half the
rated value if it occurs repetitively.)


Similar Part No. - G3DZ

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3DZ-2R6PLDC24 OMRON-G3DZ-2R6PLDC24 Datasheet
417Kb / 14P
   Relay Output Blocks
G3DZ-2R6PLDC24 OMRON-G3DZ-2R6PLDC24 Datasheet
417Kb / 14P
   Relay Output Blocks
G3DZ-F4B OMRON-G3DZ-F4B Datasheet
76Kb / 8P
   Easy-to-use, Space-saving Terminal Relay with Four-point Output
G3DZ2R6PLDC12 OMRON-G3DZ2R6PLDC12 Datasheet
265Kb / 4P
   SSR Identical to the G6D in Size with a Maximum AC/DC Switching Current of 0.6 A
More results

Similar Description - G3DZ

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com