Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3M Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3M
Description  Solid State Relays
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3M Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3M Datasheet HTML 1Page - Omron Electronics LLC G3M Datasheet HTML 2Page - Omron Electronics LLC G3M Datasheet HTML 3Page - Omron Electronics LLC G3M Datasheet HTML 4Page - Omron Electronics LLC G3M Datasheet HTML 5Page - Omron Electronics LLC G3M Datasheet HTML 6Page - Omron Electronics LLC G3M Datasheet HTML 7Page - Omron Electronics LLC G3M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Solid State Relays
G3M
417
■ Characteristics
■ Approvals
UL Recognized (File No. E64562) / CSA Certified (File No. LR35535) - - Ambient Temp. = 40
°C
Item
G3M-102PL-US(-4)
G3M-202P(L)-US(-4)
G3M-203P(L)(-4)
G3M-205P(L)(-4)
Operate time
1 ms max. (1/2 of load power source cycle + 1 ms max. for G3M-202P, G3M-203P, G3M-205P)
Release time
1/2 of load power source cycle + 1 ms max.
Output ON voltage drop
1.6 V (RMS) max.
Leakage current
2 mA max. (at 100 VAC)
2 mA max. (at 100 VAC)
5 mA max. (at 200 VAC)
1.5 mA (at 200 VAC)
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
2,000 VAC, 50/60 Hz for 1 min
2,500 VAC, 50/60 Hz for 1 min
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Malfunction: 1,000 m/s2 (approx. 100G)
Ambient temperature
Operating:
–30
°C to 80°C (with no icing or condensation)
Storage:
–30
°C to 100°C (with no icing or condensation)
Ambient humidity
Operating: 45% to 85%
Weight
Approx. 15 g
Approx. 25 g
Input Voltage
SSR Type
Load Rating
5, 12, 24 VDC
With Suffixes 102 and
US or UTU
2 A, 125 VAC, Resistive
250 W, 125 VAC Tungsten
2 A FLA / 12 A LRA, 125 VAC
With Suffixes 202 and
US
2 A, 250 VAC, Resistive
500 W, 250 VAC Tungsten
2 A FLA / 12 A LRA, 250 VAC
With Suffixes 202 and
UTU
2 A, 250 VAC, Resistive
250 W, 250 VAC Tungsten
1 A FLA / 6 A LRA, 250 VAC
With Suffixes 203 and
US or UTU
3 A, 250 VAC, Resistive
750 W, 250 VAC Tungsten
1.5 A FLA / 9 A LRA, 250 VAC
With Suffix 205
5 A, 250 VAC, Resistive
1,250 W, 250 VAC Tungsten
2.5 A FLA / 15 A LRA, 250 VAC


Similar Part No. - G3M

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
G3M GE-G3M Datasheet
52Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
New Jersey Semi-Conduct...
G3M NJSEMI-G3M Datasheet
89Kb / 1P
   Glass Passivated Junction Rectifier
logo
Omron Electronics LLC
G3M-102PL-US OMRON-G3M-102PL-US Datasheet
279Kb / 4P
   Zero Cross Models Added to Compact, Low-cost G3M Series
G3M-202PL-US OMRON-G3M-202PL-US Datasheet
279Kb / 4P
   Zero Cross Models Added to Compact, Low-cost G3M Series
G3M-203P-UTU-1-4DC5 OMRON-G3M-203P-UTU-1-4DC5 Datasheet
339Kb / 6P
   Zero Cross Models Added to Compact, Low-cost G3M Series
More results

Similar Description - G3M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com