Electronic Components Datasheet Search |
|
G3M-205P Datasheet(PDF) 2 Page - Omron Electronics LLC |
|
G3M-205P Datasheet(HTML) 2 Page - Omron Electronics LLC |
2 / 8 page 416 Solid State Relays G3M Ordering information continued Note: 1. All models have UL and CSA approvals. 2. TÜV Marking is available with “-UTU” in place of “-US” on the part number 3. G3M-205P(L)-VD is approved by UL, CSA and VDE Specifications ■ Ratings (at an Ambient Temperature of 25°C) Input Note: Each model has 5-VDC, 12-VDC, and 24-VDC input versions. Output Isolation Input terminal pitch Zero cross function Indicator Rated output load (Applicable output load) Rated input voltage Model Phototriac 5.08 mm Yes No 2 A at 100 to 240 VAC (2 A at 75 to 264 VAC) 5 VDC G3M-202P-US-4 12 VDC 24 VDC 3 A at 100 to 240 VAC (3 A at 75 to 264 VAC) 5 VDC G3M-203P-4 12 VDC 24 VDC 5 A at 100 to 240 VAC (5 A at 75 to 264 VAC) 5 VDC G3M-205P-4 12 VDC 24 VDC No 2 A at 100 to 120 VAC (2 A at 75 to 132 VAC) 5 VDC G3M-102PL-US-4 12 VDC 24 VDC 2 A at 100 to 240 VAC (2 A at 75 to 264 VAC) 5 VDC G3M-202PL-US-4 12 VDC 24 VDC 3 A at 100 to 240 VAC (3 A at 75 to 264 VAC) 5 VDC G3M-203PL-4 12 VDC 24 VDC 5 A at 100 to 240 VAC (5 A at 75 to 264 VAC) 5 VDC G3M-205PL-4 12 VDC 24 VDC Rated voltage Operating voltage Impedance Voltage levels Must operate voltage Must release voltage 5 VDC 4 to 6 VDC 300 Ω ±20% 4 VDC max. 1 VDC min. 12 VDC 9.6 to 14.4 VDC 800 Ω ±20% 9.6 VDC max. 24 VDC 19.2 to 28.8 VDC 1.6 k Ω ±20% 19.2 VDC max. Model Rated voltage Applicable load Load voltage range Load current Inrush current G3M-102PL-US(-4) 100 to 120 VAC 75 to 132 VAC 0.1 to 2 A 30 A (60 Hz, 1 cycle) G3M-202P(L)-US(-4) 100 to 240 VAC 75 to 264 VAC G3M-203P(L)(-4) 0.1 to 3 A 45 A (60 Hz, 1 cycle) G3M-205P(L)(-4) 0.1 to 5 A |
Similar Part No. - G3M-205P |
|
Similar Description - G3M-205P |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |