Electronic Components Datasheet Search |
|
G2R-2A4 Datasheet(PDF) 3 Page - Omron Electronics LLC |
|
G2R-2A4 Datasheet(HTML) 3 Page - Omron Electronics LLC |
3 / 14 page Power PCB Relay G2R 193 Latching Note: 1. P standard: λ 50 = 0.10 x 10 -6 operation for all models 2. For individual product agency approvals consult factory. ■ Coil Data Non-latching DC coil Non-latching AC coil Non-latching high-sensitivity DC coil Load 1-pole type 2-pole type Resistive load (p.f. = 1) Inductive load (p.f. = 0.4) (L/R = 7 ms) Resistive load (p.f. = 1) Inductive load (p.f. = 0.4) (L/R = 7 ms) Rated load 5 A at 250 VAC 5 A at 30 VDC 3.50 A at 250 VAC 2.50 A at 30 VDC 3 A at 250 VAC 3 A at 30 VDC 1.50 A at 250 VAC 2 A at 30 VDC Contact material Ag-Alloy Carry current 5 A 3 A Max. operating voltage 380 VAC, 125 VDC Max. operating current 5 A 3 A Max. switching capacity 1,250 VA, 150 W 875 VA, 75 W 750 VA, 90 W 375 VA, 60 W Min permissible load 100 mA, 5 VDC 10 mA, 5 VDC Rated voltage (VDC) Rated current (mA) Coil resistance ( Ω) Coil inductance (ref. value) (H) Pick-up voltage Dropout voltage Maximum voltage Power consumption (mW) Armature OFF Armature ON % of rated voltage 3 176 17 0.07 0.14 70% max. 15% min. 110% max. at 7 0°C (158 °F) Approx. 530 5 106 47 0.20 0.39 6 88.20 68 0.28 0.55 12 43.60 275 1.15 2.29 24 21.80 1,100 4.27 8.55 48 11.50 4,170 13.86 22.71 100 5.30 18,860 67.20 93.20 110 4.80 22,900 81.50 110.60 Rated voltage (VAC) Rated current (mA)(at 60Hz) Coil resistance ( Ω) Coil inductance (ref. value) (H) Pick-up voltage Dropout voltage Maximum voltage Power consumption (VA) Armature OFF Armature ON % of rated voltage 6 150 16 0.05 0.10 80% max. 30% min. 110% max. at 70 °C (158 °F) Approx. 0.9 12 75 65 0.19 0.39 24 37.50 260 0.81 1.55 50 18 1,130 3.25 6.73 100/(110) 9/(10.60) 4,600 13.34 26.84 120 7.50 6,500 21 42 200/(220) 4.5/(5.3) 20,200 51.3 102 220 4.1 25,000 57.5 117 240 3.80 30,000 65.50 131 Rated voltage (VDC) Rated current (mA) Coil resistance ( Ω) Coil inductance (ref. value) (H) Pick-up voltage Dropout voltage Maximum voltage Power consumption (mW) Armature OFF Armature ON % of rated voltage 3 120 25 0.13 0.26 70% max. 15% min. 110% max. at 70 °C (158 °F) Approx. 360 5 71.40 70 0.37 0.75 6 60 100 0.53 1.07 12 30 400 2.14 4.27 24 15 1,600 7.80 15.60 48 7.50 6,400 31.20 62.40 |
Similar Part No. - G2R-2A4 |
|
Similar Description - G2R-2A4 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |