Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3MC Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3MC
Description  Solid State Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3MC Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3MC Datasheet HTML 1Page - Omron Electronics LLC G3MC Datasheet HTML 2Page - Omron Electronics LLC G3MC Datasheet HTML 3Page - Omron Electronics LLC G3MC Datasheet HTML 4Page - Omron Electronics LLC G3MC Datasheet HTML 5Page - Omron Electronics LLC G3MC Datasheet HTML 6Page - Omron Electronics LLC G3MC Datasheet HTML 7Page - Omron Electronics LLC G3MC Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Solid State Relay
G3MC
381
Precautions
■ General Precautions
Do not touch the terminals of the SSR while power is being supplied
to the SSR. The terminals are charged with the power,
and an electric shock may be received by touching the terminals.
The built-in capacitor may have a residual voltage after the SSR
is turned off. Be sure to discharge the residual voltage before touch-
ing the terminals of the SSR, otherwise an electric shock
may be received.
■ Mounting
1. Make sure that no excessive voltage or current is imposed on or
flows to the input or output circuit of the SSR,
otherwise the SSR may malfunction or burn.
2. Solder the terminals of the SSR properly under the required sol-
dering conditions. The SSR may be abnormally heated and burn
if power is supplied to the terminals soldered incorrectly.
3. Do not short-circuit the load of the SSR while power is supplied to
the SSR. Do not short-circuit the power supply through the SSR.
The SSR may be damaged, malfunction, or burn if the load or
power supply is short-circuited.
■ Correct use
The terminals of the SSR are highly heat-conductive. Each terminal
must be soldered within 10 s at 260
°C or within 5 s at 350°C.
The SSR is of a thin-profile construction. To maintain the vibration
resistance of the SSR, make sure that the space between the SSR
and PCB is 0.1 mm maximum. Lifting of the PCB can be prevented
by setting the hole diameter of the PCBs on both sides slightly
smaller than the actual terminal dimension.
Select the model without the zero-cross function when using the Unit
for phase control output.
The casing works as a heat sink. When mounting two or more Units
closely, make sure that the Units are properly ventilated by taking
ambient temperature rises into consideration. If Units are closely
mounted and used in places with no ventilation, the load current of
each Unit must be 1/2 of the rated load current.
■ Protective element
No overvoltage absorption element is built in. Therefore, if the G3MC
is connected to an inductive load, be sure to connect the overvoltage
absorption element.
G3MC-
@@@PL (without Zero cross function)
G3MC-
@@@P (with Zero cross function)
Phototriac
Input
Load
Protective
element
(MOV)
Power
supply
Phototriac
Input
Load
Protective
element
(MOV)
Power
supply


Similar Part No. - G3MC

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3MC-201PLDC5 OMRON-G3MC-201PLDC5 Datasheet
336Kb / 8P
   Solid State Relay G3MC
More results

Similar Description - G3MC

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com