Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3NA-6 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3NA-6
Description  Solid State Relays (600 VAC Models)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA-6 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3NA-6 Datasheet HTML 1Page - Omron Electronics LLC G3NA-6 Datasheet HTML 2Page - Omron Electronics LLC G3NA-6 Datasheet HTML 3Page - Omron Electronics LLC G3NA-6 Datasheet HTML 4Page - Omron Electronics LLC G3NA-6 Datasheet HTML 5Page - Omron Electronics LLC G3NA-6 Datasheet HTML 6Page - Omron Electronics LLC G3NA-6 Datasheet HTML 7Page - Omron Electronics LLC G3NA-6 Datasheet HTML 8Page - Omron Electronics LLC G3NA-6 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Solid State Relays (600 VAC Models)
G3NA-6
467
Solid State Relays (600 VAC Models)
G3NA-6
New Models Available at 600 VAC Load
Voltage Line with 10 A, 25 A and 50 A
Output Current
• Load voltage range: 180 to 660 VAC
• Lower input current: 7 mA max at 24 VDC
• All models are same dimensions as G3NA series.
• Built-in varistor effectively absorbs external surges.
• Operation indicator enables monitoring operation.
• Protective cover for greater safety.
• Certified by UL, CSA.
Ordering Information
■ List of Models
Note: 1. The applicable output load depends on the ambient temperature. Refer to Load Current vs. Ambient Temperature in Engineering Data.
2. Loss time increases under 400 VAC. (Refer to Precautions for Correct Use.) Confirm operation with the actual load.
■ Accessories (Order Separately)
One-touch Mounting Plates
Heat Sinks
Slim Models Enabling DIN-track Mounting
Low-cost Models
Isolation
Zero cross
function
Indicator
Applicable output load
(See note 1.)
Rated input voltage
Model
Photocoupler
Yes
Yes
10 A at 400 to 600 VAC
5 to 24 VDC
G3NA-610B DC5-24
100 to 240 VAC
G3NA-610B AC100-240
25 A at 400 to 600 VAC
5 to 24 VDC
G3NA-625B DC5-24
100 to 240 VAC
G3NA-625B AC100-240
50 A at 400 to 600 VAC
5 to 24 VDC
G3NA-650B DC5-24
100 to 240 VAC
G3NA-650B AC100-240
Model
R99-12 FOR G3NA
Model
Applicable maximum load current
Y92B-N50
10 A
Y92B-N100
20 A
Y92B-N150
40 A
Y92B-P250N
50 A
Model
Applicable maximum load current
Y92B-A100
20 A
Y92B-A150N
40 A
Y92B-A250
40 A


Similar Part No. - G3NA-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3NA-205B ETC-G3NA-205B Datasheet
175Kb / 9P
   Solid-state Relay
logo
Omron Electronics LLC
G3NA-205B OMRON-G3NA-205B Datasheet
1Mb / 18P
   Solid State Relay
logo
List of Unclassifed Man...
G3NA-210B ETC-G3NA-210B Datasheet
175Kb / 9P
   Solid-state Relay
logo
Omron Electronics LLC
G3NA-210B OMRON-G3NA-210B Datasheet
1Mb / 18P
   Solid State Relay
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
More results

Similar Description - G3NA-6

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com