Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3NA-6 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3NA-6
Description  Solid State Relays (600 VAC Models)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA-6 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3NA-6 Datasheet HTML 1Page - Omron Electronics LLC G3NA-6 Datasheet HTML 2Page - Omron Electronics LLC G3NA-6 Datasheet HTML 3Page - Omron Electronics LLC G3NA-6 Datasheet HTML 4Page - Omron Electronics LLC G3NA-6 Datasheet HTML 5Page - Omron Electronics LLC G3NA-6 Datasheet HTML 6Page - Omron Electronics LLC G3NA-6 Datasheet HTML 7Page - Omron Electronics LLC G3NA-6 Datasheet HTML 8Page - Omron Electronics LLC G3NA-6 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
468
Solid State Relays (600 VAC Models)
G3NA-6
Specifications
■ Ratings
Input (at an Ambient Temperature of 25
°C)
Note: 1. The input impedance is measured at the maximum value of the rated supply voltage (for example, with the model rated at 100 to 240 VAC,
the input impedance is measured at 240 VAC).
2. Refer to Temperature Characteristics (for Must Operate Voltage and Must Release Voltage) in Engineering Data for further details.
Output
Note: 1. The load current varies depending on the ambient temperature. Refer to Load Current vs. Ambient Temperature under Engineering Data.
2. When an OMRON Heat Sink (refer to Options) or a heat sink of the specified size is used.
■ Characteristics
Model
Rated voltage
Operating voltage
Impedance
(See note 1.)
Voltage level
Must operate voltage
Must release voltage
G3NA-6
@@B
5 to 24 VDC
4 to 32 VDC
7 mA max.
4 VDC max.
1 VDC min.
100 to 240 VAC
75 to 264 VAC
72 k
Ω±20%
75 VAC max.
20 VAC min.
Model
Applicable load
Rated load voltage
Load voltage range
Load current (See note 1.)
Inrush current
With heat sink
(See note 2.)
Without heat sink
G3NA-610B
400 to 600 VAC
360 to 660 VAC
0.5 to 10 A (at 40
°C)
0.5 to 4 A (at 40
°C)
150 A (60 Hz, 1 cycle)
G3NA-625B
0.5 to 25 A (at 40
°C)
0.5 to 4 A (at 40
°C)
220 A (60 Hz, 1 cycle)
G3NA-650B
0.5 to 50 A (at 40
°C)
0.5 to 6 A (at 40
°C)
440 A (60 Hz, 1 cycle)
Item
G3NA-610B-UTU
G3NA-625B-UTU
G3NA-650B-UTU
Operate time
1/2 of load power source cycle + 1 ms max. (DC input)
3/2 of load power source cycle + 1 ms max. (AC input)
Release time
1/2 of load power source cycle + 1 ms max. (DC input)
3/2 of load power source cycle + 1 ms max. (AC input)
Output ON voltage drop
1.8 V (RMS) max.
Leakage current
10 mA max. (at 400 VAC)
20 mA max. (at 600 VAC)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Dielectric strength
4,000 VAC, 50/60 Hz for 1 min
Vibration resistance
Destruction: 10 to 55 to 10 Hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Ambient temperature
Operating:
−30°C to 80°C (with no icing or condensation)
Storage:
−30°C to 100°C (with no icing or condensation)
Ambient humidity
Operating: 45% to 85%
Weight
Approx. 120 g


Similar Part No. - G3NA-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3NA-205B ETC-G3NA-205B Datasheet
175Kb / 9P
   Solid-state Relay
logo
Omron Electronics LLC
G3NA-205B OMRON-G3NA-205B Datasheet
1Mb / 18P
   Solid State Relay
logo
List of Unclassifed Man...
G3NA-210B ETC-G3NA-210B Datasheet
175Kb / 9P
   Solid-state Relay
logo
Omron Electronics LLC
G3NA-210B OMRON-G3NA-210B Datasheet
1Mb / 18P
   Solid State Relay
G3NA-210B-DC5-24 OMRON-G3NA-210B-DC5-24 Datasheet
1Mb / 18P
   New Models with 75-A and 90-A Output Join the Previous Models with 5- to 50-A Output.
More results

Similar Description - G3NA-6

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DH24D25 TELEDYNE-DH24D25 Datasheet
574Kb / 6P
   Output to 35A, 600 Vac (slimpac) Solid-State Relays
03/2014
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com