Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3NA Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3NA
Description  Solid State Relay
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3NA Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3NA Datasheet HTML 1Page - Omron Electronics LLC G3NA Datasheet HTML 2Page - Omron Electronics LLC G3NA Datasheet HTML 3Page - Omron Electronics LLC G3NA Datasheet HTML 4Page - Omron Electronics LLC G3NA Datasheet HTML 5Page - Omron Electronics LLC G3NA Datasheet HTML 6Page - Omron Electronics LLC G3NA Datasheet HTML 7Page - Omron Electronics LLC G3NA Datasheet HTML 8Page - Omron Electronics LLC G3NA Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Solid State Relay
G3NA
453
Specifications
■ Input Ratings
(Ambient temperature: 25
°C [77°F])
Note: 1. The input impedance is measured at the maximum value of the rated supply voltage (for example, with the model rated at 100 to 120 VAC,
the input impedance is measured at 120 VAC).
2. With constant current input circuit system, the impedance for the G3NA-2
❏❏B-UTU is 15mA max.
3. Refer to the “Characteristic Data” for further details.
■ Output Ratings
*When the appropriate size OMRON heat sink is used.
Type
Rated
voltage
Operating
voltage range
Impedance
(See note 1)
Voltage level
Must operate voltage
Must release voltage
G3NA-2
❏❏B
5 to 24 VDC
4 to 32 VDC
7 mA max. (see note 2)
4 VDC max.
1 VDC min.
100 to 120 VAC
75 to 132 VAC
36 k
Ω ±20%
75 VAC max. (see note 3)
20 VAC min. (see note 3)
200 to 240 VAC
150 to 264 VAC
72 k
Ω ±20%
150 VAC max. (see note 3)
40 VAC min. (see note 3)
G3NA-4
❏❏B
5 to 24 VDC
4 to 32 VDC
5 mA max. (see note 2)
4 VDC max.
1 VDC min.
G3NA-D210B
100 to 240 VAC
75 to 264 VAC
72 k
Ω ±20%
75 VAC max.
20 VAC min.
G3NA-275B-UTU
G3NA-290B-UTU
5 to 24 VDC
4 to 32 VDC
15 mA max. (see note 2)
4 VDC max.
1 VDC min.
G3NA-475B-UTU
G3NA-490B-UTU
100 to 240 VAC
75 to 264 VAC
72 k
Ω ±20%
75 VAC max.
20 VAC min.
Type
Applicable load
Rated
load voltage
Load
voltage range
Load current
Surge current
With heat sink*
Without heat sink
G3NA-205B
24 to 240 VAC
19 to 264 VAC
0.1 to 5 A (at 40
°C)
0.1 to 3 A (at 40
°C)
60 A (60 Hz, 1 cycle)
G3NA-210B
24 to 240 VAC
19 to 264 VAC
0.1 to 10 A (at 40
°C)
0.1 to 4 A (at 40
°C)
150 A (60 Hz, 1 cycle)
G3NA-410B
200 to 480 VAC
180 to 528 VAC
0.2 to 10 A (at 40
°C)
0.2 to 4 A (at 40
°C)
G3NA-220B
24 to 240 VAC
19 to 264 VAC
0.1 to 20 A (at 40
°C)
0.1 to 4 A (at 40
°C)
220 A (60 Hz, 1 cycle)
G3NA-420B
200 to 480 VAC
180 to 528 VAC
0.2 to 20 A (at 40
°C)
0.2 to 4 A (at 40
°C)
G3NA-240B
24 to 240 VAC
19 to 264 VAC
0.1 to 40 A (at 40
°C)
0.1 to 6 A (at 40
°C)
440 A (60 Hz, 1 cycle)
G3NA-440B
200 to 480 VAC
180 to 528 VAC
0.2 to 40 A (at 40
°C)
0.2 to 6 A (at 40
°C)
G3NA-450B
200 to 480 VAC
180 to 528 VAC
0.2 to 50 A (at 40
°C)
0.2 to 6 A (at 40
°C)
G3NA-D210B
5 to 200 VDC
4 to 220 VDC
0.1 to 10 A (at 40
°C)
0.1 to 4 A (at 40
°C)
20 A (10 ms)
G3NA-275B-UTU 24 to 240 VAC
19 to 264 VAC
1 to 75 A (at 40
°C)
1 to 7 A (at 40
°C)
800 A (60 Hz, 1 cycle)
G3NA-475B-UTU 200 to 480 VAC
180 to 528 VAC
1 to 75 A (at 40
°C)
1 to 7 A (at 40
°C)
800 A (60 Hz, 1 cycle)
G3NA-290B-UTU 24 to 240 VAC
19 to 264 VAC
1 to 90 A (at 40
°C)
1 to 7 A (at 40
°C)
1,000 A (60 Hz, 1 cycle)
G3NA-490B-UTU 200 to 480 VAC
180 to 528 VAC
1 to 90 A (at 40
°C)
1 to 7 A (at 40
°C)
1,000 A (60 Hz, 1 cycle)


Similar Part No. - G3NA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3NA ETC-G3NA Datasheet
175Kb / 9P
   Solid-state Relay
logo
Omron Electronics LLC
G3NA OMRON-G3NA Datasheet
1Mb / 18P
   Solid State Relays G3NA
G3NA OMRON-G3NA Datasheet
694Kb / 36P
   Digital Controller
logo
List of Unclassifed Man...
G3NA-205B ETC-G3NA-205B Datasheet
175Kb / 9P
   Solid-state Relay
G3NA-210B ETC-G3NA-210B Datasheet
175Kb / 9P
   Solid-state Relay
More results

Similar Description - G3NA

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com