Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H5GQ1H24AFR Datasheet(PDF) 8 Page - Hynix Semiconductor

Part # H5GQ1H24AFR
Description  1Gb (32Mx32) GDDR5 SGRAM
Download  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H5GQ1H24AFR Datasheet(HTML) 8 Page - Hynix Semiconductor

Back Button H5GQ1H24AFR Datasheet HTML 4Page - Hynix Semiconductor H5GQ1H24AFR Datasheet HTML 5Page - Hynix Semiconductor H5GQ1H24AFR Datasheet HTML 6Page - Hynix Semiconductor H5GQ1H24AFR Datasheet HTML 7Page - Hynix Semiconductor H5GQ1H24AFR Datasheet HTML 8Page - Hynix Semiconductor H5GQ1H24AFR Datasheet HTML 9Page - Hynix Semiconductor H5GQ1H24AFR Datasheet HTML 10Page - Hynix Semiconductor H5GQ1H24AFR Datasheet HTML 11Page - Hynix Semiconductor H5GQ1H24AFR Datasheet HTML 12Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 173 page
background image
This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any
responsability for use of circuits described. No patent licenses are implied.
Rev. 1.0 /Nov. 2009
8
H5GQ1H24AFR
 0.2. CLOCKING
The GDDR5 SGRAM operates from a differential clock CK and CK#. Commands are registered at every 
rising edge of CK. Addresses are registered at every rising edge of CK and every rising edge of CK#.
GDDR5 uses a DDR data interface and an 8n‐prefetch architecture.   The data interface uses two differen‐
tial forwarded clocks (WCK/WCK#). DDR means that the data is registered at every rising edge of WCK 
and rising edge of WCK#. WCK and WCK# are continuously running and operate at twice the frequency 
of the command/address clock (CK/CK#). 
Figure 1: GDDR5 Clocking and Interface Relationship 
CK
CK#
COMMAND
ADDRESS
DQ*1
WCK
WCK#
Note : Figure.1 shows the relationship between the data rate of the buses and the clocks and is not a timing diagram.


Similar Part No. - H5GQ1H24AFR

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5GQ2H24AFR HYNIX-H5GQ2H24AFR Datasheet
2Mb / 172P
   2Gb (64Mx32) GDDR5 SGRAM
H5GQ2H24AFR-R0C HYNIX-H5GQ2H24AFR-R0C Datasheet
2Mb / 172P
   2Gb (64Mx32) GDDR5 SGRAM
H5GQ2H24AFR-T0C HYNIX-H5GQ2H24AFR-T0C Datasheet
2Mb / 172P
   2Gb (64Mx32) GDDR5 SGRAM
H5GQ2H24AFR-T2C HYNIX-H5GQ2H24AFR-T2C Datasheet
2Mb / 172P
   2Gb (64Mx32) GDDR5 SGRAM
More results

Similar Description - H5GQ1H24AFR

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDW2032BBBG ELPIDA-EDW2032BBBG Datasheet
317Kb / 17P
   2G bits GDDR5 SGRAM
logo
Hynix Semiconductor
H5GQ2H24AFR HYNIX-H5GQ2H24AFR Datasheet
2Mb / 172P
   2Gb (64Mx32) GDDR5 SGRAM
logo
Elpida Memory
EDW1032BBBG ELPIDA-EDW1032BBBG Datasheet
477Kb / 16P
   1G bits GDDR5 SGRAM
EDW4032BABG-70-F ELPIDA-EDW4032BABG-70-F Datasheet
222Kb / 17P
   4G bits GDDR5 SGRAM
EDW2032BBBG-7A-F ELPIDA-EDW2032BBBG-7A-F Datasheet
222Kb / 17P
   2G bits GDDR5 SGRAM
logo
Samsung semiconductor
K4G323222A SAMSUNG-K4G323222A Datasheet
1Mb / 49P
   32Mbit SGRAM
logo
Keysight Technologies
U7245A KEYSIGHT-U7245A Datasheet
2Mb / 9P
   U7245A GDDR5 Compliance
logo
Samsung semiconductor
K4X1G323PC-L SAMSUNG-K4X1G323PC-L Datasheet
563Kb / 20P
   32Mx32 Mobile DDR SDRAM
logo
Infineon Technologies A...
HYB25D128323C INFINEON-HYB25D128323C Datasheet
1Mb / 53P
   128 Mbit DDR SGRAM
V1.7, July 2003
logo
Samsung semiconductor
K4G41325FE SAMSUNG-K4G41325FE Datasheet
1Mb / 120P
   4Gb GDDR5 SGRAM E-die 8M x 32Bit x 16 Banks Graphic Double Data Rate 5 Synchronous DRAM (170Ball FBGA)
Rev. 0.0, Mar. 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com