Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVP-1457AG Datasheet(PDF) 2 Page - Unity Opto Technology

Part # UVP-1457AG
Description  1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-1457AG Datasheet(HTML) 2 Page - Unity Opto Technology

  UVP-1457AG Datasheet HTML 1Page - Unity Opto Technology UVP-1457AG Datasheet HTML 2Page - Unity Opto Technology UVP-1457AG Datasheet HTML 3Page - Unity Opto Technology UVP-1457AG Datasheet HTML 4Page - Unity Opto Technology UVP-1457AG Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1.2 inch ( 30.42mm )
5X7 DOT MATRIX LED DISPLAY
UVP-1X57A SERIES
PACKAGE DIMENSIONS
Fig. 1
INTERNAL CIRCUIT DIAGRAM
UVP-1357AA
UVP-1557A
Fig. 2
11/14/2000
UVP-1457A
UVP-1257AA
Unity Opto Technology Co., Ltd.


Similar Part No. - UVP-1457AG

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-2057 UOT-UVP-2057 Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2057A UOT-UVP-2057A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
UVP-2058 UOT-UVP-2058 Datasheet
97Kb / 5P
   2.3 inch ( 58.42mm ) 5X8 DOT MATRIX LED DISPLAY
UVP-2088 UOT-UVP-2088 Datasheet
121Kb / 5P
   2.3 inch ( 58.42mm ) 8X8 DOT MATRIX LED DISPLAY
UVP-2157A UOT-UVP-2157A Datasheet
145Kb / 5P
   2.0 inch ( 50.80mm ) 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES
More results

Similar Description - UVP-1457AG

ManufacturerPart #DatasheetDescription
logo
China Semiconductor Cor...
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171EG CHINASEMI-CSM-57171EG Datasheet
256Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
logo
Kingbright Corporation
TBC12-11EGWA KINGBRIGHT-TBC12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBC12-12EGWA KINGBRIGHT-TBC12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TC12-11EWA KINGBRIGHT-TC12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TA12-11EWA KINGBRIGHT-TA12-11EWA Datasheet
147Kb / 4P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-12EGWA KINGBRIGHT-TBA12-12EGWA Datasheet
172Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-11EGWA KINGBRIGHT-TBA12-11EGWA Datasheet
174Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
TBA12-22EGWA KINGBRIGHT-TBA12-22EGWA Datasheet
176Kb / 5P
   30mm (1.2 INCH) 5x7 DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com