Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3R-ODX02SN Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3R-ODX02SN
Description  Solid State Relay
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3R-ODX02SN Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3R-ODX02SN Datasheet HTML 1Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 2Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 3Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 4Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 5Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 6Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 7Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 8Page - Omron Electronics LLC G3R-ODX02SN Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Solid State Relay
G3R-I/O
407
Solid State Relay
G3R-I/O
Compact SSRs for I/O Interface with High
Dielectric Strength Requirements
• High-speed models with optimum input ratings for a variety
of sensors are available.
• Input Modules and Output Modules that have the same
form-factor as the G2R.
• Using a coupler approved by VDE 0884 and assuring an
I/O dielectric strength of 4 kV.
• Incorporating an easy-to-see monitoring indicator.
• Approved by UL, CSA, and TÜV. (“-UTU” models)
Ordering Information
To Order: Select the part number and add the desired coil voltage rating, (e.g., G3R-IAZR1SN-DC5)
■ Input Module
■ Output Module
Note: When ordering a UL, CSA and EN (TÜV) approved model, add “-UTU” to the model number as shown below:
Example: G3R-OA202SZN-UTU DC5-24.
■ I/O Indication
I/O module classification and AC/DC use are indicated on the mark
affixed to the top of the product.
Isolation
Indicator
Response speed
Logic level
Rated input
voltage
Model
Supply voltage
Supply current
Photocoupler
Yes
4 to 32 VDC
0.1 to 100 mA
100 to 240 VAC
G3R-IAZR1SN
High-speed
(1 kHz)
5 VDC
G3R-IDZR1SN
12 to 24 VDC
Low-speed
(10 Hz)
5 VDC
G3R-IDZR1SN-1
12 to 24 VDC
Isolation
Indicator
Zero cross
function
Rated output
load
Rated input
voltage
Model
Phototriac
Yes
Yes
2 A at 100 to 240 VAC
5 to 24 VDC
G3R-OA202SZN
No
G3R-OA202SLN
Photocoupler
2 A at 5 to 48 VDC
G3R-ODX02SN
1.5 A at 48 to 200 VDC
G3R-OD201SN
Mark indication
Specification
AC IN
Input module, AC input
DC IN
Input module, DC input
AC OUT
Output module, AC output
DC OUT
Output module, DC output
Mark attached to the top of the product


Similar Part No. - G3R-ODX02SN

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3R-102PLN OMRON-G3R-102PLN Datasheet
95Kb / 3P
   Same Shape as SSR Type G2R Power Relay for PCB Mounting
G3R-102PN OMRON-G3R-102PN Datasheet
95Kb / 3P
   Same Shape as SSR Type G2R Power Relay for PCB Mounting
G3R-202PLN OMRON-G3R-202PLN Datasheet
95Kb / 3P
   Same Shape as SSR Type G2R Power Relay for PCB Mounting
G3R-202PN OMRON-G3R-202PN Datasheet
95Kb / 3P
   Same Shape as SSR Type G2R Power Relay for PCB Mounting
More results

Similar Description - G3R-ODX02SN

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
   Solid State Relay
Revision 06-March-02
logo
Sharp Corporation
PR33MD22NSZ SHARP-PR33MD22NSZ Datasheet
54Kb / 3P
   Solid State Relay
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
   SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSA425AC8 COSMO-KSA425AC8 Datasheet
346Kb / 2P
   Solid State Relay
KSD210AC3 COSMO-KSD210AC3 Datasheet
340Kb / 2P
   Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com