Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3TC-IAC24 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G3TC-IAC24
Description  Solid State Relays for Industrial I/O
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3TC-IAC24 Datasheet(HTML) 5 Page - Omron Electronics LLC

  G3TC-IAC24 Datasheet HTML 1Page - Omron Electronics LLC G3TC-IAC24 Datasheet HTML 2Page - Omron Electronics LLC G3TC-IAC24 Datasheet HTML 3Page - Omron Electronics LLC G3TC-IAC24 Datasheet HTML 4Page - Omron Electronics LLC G3TC-IAC24 Datasheet HTML 5Page - Omron Electronics LLC G3TC-IAC24 Datasheet HTML 6Page - Omron Electronics LLC G3TC-IAC24 Datasheet HTML 7Page - Omron Electronics LLC G3TC-IAC24 Datasheet HTML 8Page - Omron Electronics LLC G3TC-IAC24 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Solid State Relays for Industrial I/O
G3TC
399
■ DC Output Module G3TC-ODC
Ratings (Ambient Temperature 25
°C)
Input
Output
Characteristics
Note: 1. Resistance values are reference.
2. The output module supplies the current on I/O circuit board at nominal input voltage.
3. At rated load voltage, maximum rated load current, rated input voltage and 25
°C.
4. At 24 VDC load voltage, 3 A load current and 25
°C.
Item
G3TC-ODC5
G3TC-ODC15
G3TC-ODC24
G3TC-ODC5A
G3TC-ODC15A
G3TC-ODC24A
Rated voltage
5 VDC
15 VDC
24 VDC
5 VDC
15 VDC
24 VDC
Operating voltage
2.5-8 VDC
9-16 VDC
18-32 VDC
2.5-8 VDC
9-16 VDC
18-32 VDC
Must operate
voltage
2.5 VDC max.
9 VDC max.
18 VDC max.
2.5 VDC max.
9 VDC max.
18 VDC max.
Must release
voltage
1 VDC min.
Input current at rated
voltage (see note 2)
18 mA max.
Control resistance (Rc
in circuit configuration
- see note 1)
240
Ω
1 k
Ω
2.2 k
Ω
240
Ω
1 k
Ω
2.2 k
Ω
Item
G3TC-ODC5
G3TC-ODC15
G3TC-ODC24
G3TC-ODC5A
G3TC-ODC15A
G3TC-ODC24A
Rated load voltage
60 VDC
200 VDC
Load voltage range
5-60 VDC
5-200 VDC
Load current
0.01 to 3 A
0.01 to 1.0 A
Inrush current
18 A (10 ms)
9 A (10 ms)
Item
G3TC-ODC5
G3TC-ODC15
G3TC-ODC24
G3TC-ODC5A
G3TC-ODC15A
G3TC-ODC24A
Operate time (see note 3)
50
μs max.
100
μs max.
Release time (see note 3)
50
μs max. (see note 4)
750
μs max.
Output ON voltage drop
1.6 V max.
Leakage current
1 mA max. (at 60 VDC)
1 mA max. (at 200 VDC)
Weight
Approx. 45g
Approx. 40g


Similar Part No. - G3TC-IAC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
   Solid State Relays for Industrial I/O
More results

Similar Description - G3TC-IAC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
   Solid State Relays for Industrial I/O
logo
Teledyne Technologies I...
STH TELEDYNE-STH Datasheet
444Kb / 4P
   High Industrial Performance (HIPak) Solid-State Relays
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
   Slim I/O Relay/Slim I/O Solid State Relay
0922
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com