Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVP-7188X Datasheet(PDF) 4 Page - Unity Opto Technology

Part # UVP-7188X
Description  0.787 inch ( 20.0mm ) 8X8 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-7188X Datasheet(HTML) 4 Page - Unity Opto Technology

  UVP-7188X Datasheet HTML 1Page - Unity Opto Technology UVP-7188X Datasheet HTML 2Page - Unity Opto Technology UVP-7188X Datasheet HTML 3Page - Unity Opto Technology UVP-7188X Datasheet HTML 4Page - Unity Opto Technology UVP-7188X Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.787 inch ( 20.0mm )
8X8 DOT MATRIX LED DISPLAY
UVP-7188 X SERIES
ELECTRICAL/OPTICAL CHARACTERISTICS
Anber (UVP-7188A)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
630
2000
µcd
λp/Hue
610/602
nm
∆λ
35
nm
IR
V
µA
IV-m
2:1
GREEN (UVP-7188G) & (UVP-7188AA GREEN)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
630
2000
µcd
λp/Hue
565/569
nm
∆λ
35
nm
VF
2.1
2.6
V
IR
100
µA
IV-m
2:1
RED ORANGE (UVP-7188E) & (UVP-7188AA RED ORANGE)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
630
2000
µcd
λp/Hue
630/621
nm
∆λ
35
nm
VF
2.0
2.6
V
IR
100
µA
IV-m
2:1
'11/14/2000
TEST CONDITION
Luminous Intensity Matching Ratio
IF = 10 mA
Forward Voltage, any Dot
IF = 20 mA
Reverse Current, any Dot
VR = 5 V
Spectral Line Half-Width
IF = 20 mA
Ip = 80 mA 1/16 Duty
Peak Emission Wavelength
IF = 20 mA
Luminous Intensity Matching Ratio
Average Luminous Intensity
Peak Emission Wavelength
PARAMETER
Revese Curent, any Dot
TEST CONDITION
TEST CONDITION
Average Luminous Intensity
Ip = 80 mA 1/16 Duty
IF = 10 mA
IF = 21 mA
VR = 5 V
PARAMETER
Peak Emission Wavelength
Spectral Line Half-Width
Ip = 80 mA 1/16 Duty
IF = 20 mA
IF = 20 mA
Forward Voltage, any Dot
Spectral Line Half-Width
Average Luminous Intensity
Reverse Current, any Dot
VR = 5 V
IF = 20 mA
IF = 20 mA
Forward Voltage, any Dot
Luminous Intensity Matching Ratio
IF = 10 mA
IF = 20 mA
PARAMETER
Unity Opto Technology Co., Ltd.


Similar Part No. - UVP-7188X

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-747 UOT-UVP-747 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-757 UOT-UVP-757 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
More results

Similar Description - UVP-7188X

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM23088AB LIGHTKEY-LM23088AB Datasheet
227Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM20088AB LIGHTKEY-LM20088AB Datasheet
154Kb / 3P
   2.00 inch 8x8 Dot Matrix LED Display
LM19088CD LIGHTKEY-LM19088CD Datasheet
228Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM15088CD LIGHTKEY-LM15088CD Datasheet
226Kb / 3P
   1.50 inch 8x8 Dot Matrix LED Display
LM19088EFRG LIGHTKEY-LM19088EFRG Datasheet
296Kb / 3P
   1.90 inch 8x8 Dot Matrix LED Display
LM23088BURPGUB LIGHTKEY-LM23088BURPGUB Datasheet
159Kb / 3P
   2.30 inch 8x8 RGB Dot Matrix LED Display
logo
China Semiconductor Cor...
CSM-88035V9 CHINASEMI-CSM-88035V9 Datasheet
217Kb / 6P
   0.78 Inch 8X8 Dot-Matrix Display
CSM-88137M9 CHINASEMI-CSM-88137M9 Datasheet
225Kb / 6P
   1.5 Inch 8X8 Dot-Matrix Display
CSM-88138V9 CHINASEMI-CSM-88138V9 Datasheet
220Kb / 6P
   1.85 Inch 8X8 Dot-Matrix Display
CSM-88160VM9 CHINASEMI-CSM-88160VM9 Datasheet
275Kb / 7P
   1.2 Inch 8X8 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com