Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3TC-IDC5 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3TC-IDC5
Description  Solid State Relays for Industrial I/O
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3TC-IDC5 Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3TC-IDC5 Datasheet HTML 1Page - Omron Electronics LLC G3TC-IDC5 Datasheet HTML 2Page - Omron Electronics LLC G3TC-IDC5 Datasheet HTML 3Page - Omron Electronics LLC G3TC-IDC5 Datasheet HTML 4Page - Omron Electronics LLC G3TC-IDC5 Datasheet HTML 5Page - Omron Electronics LLC G3TC-IDC5 Datasheet HTML 6Page - Omron Electronics LLC G3TC-IDC5 Datasheet HTML 7Page - Omron Electronics LLC G3TC-IDC5 Datasheet HTML 8Page - Omron Electronics LLC G3TC-IDC5 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Solid State Relays for Industrial I/O
G3TC
397
■ AC Input Module G3TC-IAC
Ratings (Ambient Temperature 25
°C)
Input
Output
Characteristics
Note: 1. Resistance values are reference.
2. The input module supplies the current on I/O circuit board at nominal ouput voltage.
3. At nominal output supply voltage, rated input voltage and 25
°C.
■ DC Input Module G3TC-IDC
Ratings (Ambient Temperature 25
°C)
Input
Output
Item
G3TC-IAC5
G3TC-IAC15
G3TC-IAC24
G3TC-IAC5A
G3TC-IAC15A
G3TC-IAC24A
Rated voltage
120 VAC/DC
240 VAC/DC
Operating voltage
90-140 VAC/DC
180-280 VAC/DC
Must operate voltage
90 VAC/DC max.
180 VAC/DC max.
Must release voltage
25 VAC/DC min.
45 VAC/DC min.
Input current at rated voltage
5 mA max.
5 mA max.
Input resistance (see note 1)
30 k
Ω
69 k
Ω
Item
G3TC-IAC5
G3TC-IAC15
G3TC-IAC24
G3TC-IAC5A
G3TC-IAC15A
G3TC-IAC24A
Output supply voltage-nominal
5 VDC
15 VDC
24 VDC
5 VDC
15 VDC
24 VDC
Output supply voltage-range
4.5-6 VDC
12-18 VDC
20-30 VDC
4.5-6 VDC
12-18 VDC
20-30 VDC
Output supply current at rated
input voltage (see note 2)
18 mA max.
15 mA max.
12 mA max.
18 mA max.
15 mA max.
12 mA max.
Control resistance (Rc in circuit
configuration - see note 1)
240
Ω
1 k
Ω
2.2 k
Ω
240
Ω
1k
Ω
2.2k
Ω
Output current
50 mA max.
Item
G3TC-IAC5
G3TC-IAC15
G3TC-IAC24
G3TC-IAC5A
G3TC-IAC15A
G3TC-IAC24A
Operate time (see note 3)
20 ms max.
Release time (see note 3)
20 ms max.
Output ON voltage drop
0.4 V max.
Leakage current
100
μA max.
Weight
Approx. 40g
Item
G3TC-IDC5
G3TC-IDC15
G3TC-IDC24
Rated voltage
24 VDC/AC
Operating voltage
10-32 VDC/ 15-32 VAC
Must operate voltage
10 VDC/15 VAC max.
Must release voltage
3 VDC/ 3 VAC min.
Input current rated voltage
25 mA max.
Input resistance (see note 1)
1.5 k
Ω
Item
G3TC-IDC5
G3TC-IDC15
G3TC-IDC24
Output supply voltage-nominal
5 VDC
15 VDC
24 VDC
Output supply voltage-range
4.5-6 VDC
12-18 VDC
20-30 VDC
Output supply current at rated input voltage (see note 2)
18 mA max.
15 mA max.
12 mA max.
Control resistance (Rc in circuit configuration - see note 1) 240
Ω
1 k
Ω
2.2 k
Ω
Output current
50 mA max.


Similar Part No. - G3TC-IDC5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
   Solid State Relays for Industrial I/O
More results

Similar Description - G3TC-IDC5

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
   Solid State Relays for Industrial I/O
logo
Teledyne Technologies I...
STH TELEDYNE-STH Datasheet
444Kb / 4P
   High Industrial Performance (HIPak) Solid-State Relays
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
   Slim I/O Relay/Slim I/O Solid State Relay
0922
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com