Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3TC-IDC24 Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G3TC-IDC24
Description  Solid State Relays for Industrial I/O
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3TC-IDC24 Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G3TC-IDC24 Datasheet HTML 3Page - Omron Electronics LLC G3TC-IDC24 Datasheet HTML 4Page - Omron Electronics LLC G3TC-IDC24 Datasheet HTML 5Page - Omron Electronics LLC G3TC-IDC24 Datasheet HTML 6Page - Omron Electronics LLC G3TC-IDC24 Datasheet HTML 7Page - Omron Electronics LLC G3TC-IDC24 Datasheet HTML 8Page - Omron Electronics LLC G3TC-IDC24 Datasheet HTML 9Page - Omron Electronics LLC G3TC-IDC24 Datasheet HTML 10Page - Omron Electronics LLC G3TC-IDC24 Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Solid State Relays for Industrial I/O
G3TC
401
■ Load Current vs. Ambient Temperature Characteristics
■ Inrush Current Resitivity
Non-repetitive (Keep inrush current to half the rated value if it occurs.)
4
3
2
1.6
1
0
−20
−30
0
20
45
60 70 80
100
40
2
1.5
1
0.55
0.5
0.37
0
−20
−30
0
20
45
60 70 80
100
40
Ambient temperature (
°C)
G3TC-ODC5A
G3TC-ODC15A
G3TC-ODC24A
G3TC-ODC5
G3TC-ODC15
G3TC-ODC24
4
3
2
1.6
1
0
−20
−30
0
20
45
60 70 80
100
40
G3TC-OAC5
G3TC-OAC15
G3TC-OAC24
Ambient temperature (
°C)
Ambient temperature (
°C)
G3TC-OAC5A
G3TC-OAC15A
G3TC-OAC24A
Energized time (ms)
50
40
30
20
10
0
10
30 50
100
200
500 1,000
5,000
G3TC-OAC5
G3TC-OAC15
G3TC-OAC24
30
28
26
24
22
20
18
16
14
12
10
8
6
2
4
0
0
20 30
50 70 100
200 300 500
1,000 2,000
Energized time (ms)
Energized time (ms)
15
14
13
12
11
10
9
8
7
6
5
4
3
1
2
0
0
30
50
100
300 500
1,000 2,000
G3TC-ODC5
G3TC-ODC15
G3TC-ODC24
G3TC-ODC5A
G3TC-ODC15A
G3TC-ODC24A
G3TC-OAC5A
G3TC-OAC15A
G3TC-OAC24A


Similar Part No. - G3TC-IDC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
   Solid State Relays for Industrial I/O
More results

Similar Description - G3TC-IDC24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
   Solid State Relays for Industrial I/O
logo
Teledyne Technologies I...
STH TELEDYNE-STH Datasheet
444Kb / 4P
   High Industrial Performance (HIPak) Solid-State Relays
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
   Slim I/O Relay/Slim I/O Solid State Relay
0922
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com