Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G3TC-OAC5A Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # G3TC-OAC5A
Description  Solid State Relays for Industrial I/O
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3TC-OAC5A Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button G3TC-OAC5A Datasheet HTML 5Page - Omron Electronics LLC G3TC-OAC5A Datasheet HTML 6Page - Omron Electronics LLC G3TC-OAC5A Datasheet HTML 7Page - Omron Electronics LLC G3TC-OAC5A Datasheet HTML 8Page - Omron Electronics LLC G3TC-OAC5A Datasheet HTML 9Page - Omron Electronics LLC G3TC-OAC5A Datasheet HTML 10Page - Omron Electronics LLC G3TC-OAC5A Datasheet HTML 11Page - Omron Electronics LLC G3TC-OAC5A Datasheet HTML 12Page - Omron Electronics LLC G3TC-OAC5A Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Solid State Relays for Industrial I/O
G3TC
403
■ Approvals
UL Recognized (File No. E64562) / CSA Certified (File No. 35535) - - Ambient Temp. = 40
°C
Input
Output
Note: The rated values approved by each of the safety standards (e.g., UL, CSA and TUV) may be different from the performance characteristics
individually defined in this catalog.
25.4
7.6
7.6
10.16
22.86
27.94
43.2
1
2
3
4
1.0 dia.
G3TC-ODC5
G3TC-ODC5A
G3TC-ODC15 G3TC-ODC15A
G3TC-ODC24 G3TC-ODC24A
#4–40 Hold down screw
Model
Input voltage
G3TC-IAC5, -IAC15, -IAC24
90-140 V AC/DC
G3TC-IAC5A, -IAC15A, -IAC24A
180-280 V AC/DC
G3TC-IDC5, -IDC15, -IDC24
10-32 VDC, 12-32 VAC
G3TC-ODC5, -ODC5A, -OAC5, -OAC5A
5 VDC
G3TC-ODC15, -ODC15A, -OAC15,
-OAC15A
15 VDC
G3TC-ODC24, -ODC24A, -OAC24,
-OAC24A
24 VDC
Model
Load voltage
Load current
G3TC-IAC5, -IAC15, -IAC24
5/15/24 VDC
50 mA
G3TC-IAC5A, -IAC15A, -IAC24A
5/15/24 VDC
50 mA
G3TC-IDC5, -IDC15, -IDC24
5/15/24 VDC
50 mA
G3TC-ODC5, -ODC15, -ODC24
5-60 VDC
3 A
G3TC-ODC5A, -ODC15A,
-ODC24A
5-200 VDC
1 A
G3TC-OAC5, -OAC15, -OAC24
75-140 VAC
3 A
G3TC-OAC5A, -OAC15A, -OAC24A 75-280 VAC
3 A


Similar Part No. - G3TC-OAC5A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
   Solid State Relays for Industrial I/O
More results

Similar Description - G3TC-OAC5A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3TC-IDC5DC-AC24 OMRON-G3TC-IDC5DC-AC24 Datasheet
1Mb / 12P
   Solid State Relays for Industrial I/O
logo
Teledyne Technologies I...
STH TELEDYNE-STH Datasheet
444Kb / 4P
   High Industrial Performance (HIPak) Solid-State Relays
logo
Omron Electronics LLC
G3PJ OMRON-G3PJ Datasheet
3Mb / 11P
   Solid State Relays for Heaters
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
   Slim I/O Relay/Slim I/O Solid State Relay
0922
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com