Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVP-3257AA Datasheet(PDF) 4 Page - Unity Opto Technology

Part # UVP-3257AA
Description  3.0 inch ( 76.2mm ) 5X7 DOT MATRIX LED DISPLAY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVP-3257AA Datasheet(HTML) 4 Page - Unity Opto Technology

  UVP-3257AA Datasheet HTML 1Page - Unity Opto Technology UVP-3257AA Datasheet HTML 2Page - Unity Opto Technology UVP-3257AA Datasheet HTML 3Page - Unity Opto Technology UVP-3257AA Datasheet HTML 4Page - Unity Opto Technology UVP-3257AA Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
3.0 inch ( 76.2mm )
5X7 DOT MATRIX LED DISPLAY
UVP-3X57 SERIES
PIN CONNECTION
1
2
3
4
5
6
7
8
9
10
11
12
13
14
ELECTRICAL/OPTICAL CHARACTERISTICS
AlGaAs RED (UVP-3057AC/3157AC)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
11500
20000
µcd
λp/Hue
660/638
nm
∆λ
35
nm
VF
3.6
4.8
V
IR
100
µA
IV-m
2:1
GREEN (UVP-3057AG/3157AG) & (UVP-3257AA/3357AA)
@ TA=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
3000
9600
µcd
λp/Hue
565/569
nm
∆λ
30
nm
VF
4.2
5.2
V
IR
100
µA
IV-m
2:1
RED ORANGE (UVP-3057AE/3157AE) & (UVP-3257AA/3357AA) @ T
A=25
oC
SYMBOL
MIN.
TYP.
MAX.
UNIT
IV
3000
9600
µcd
λp/Hue
630/621
nm
∆λ
35
nm
VF
4.2
5.2
V
IR
100
µA
IV-m
2:1
11/14/2000
CATHODE ROW 2
CATHODE COL. 3
CATHODE COL. 1
ANODE ROW 2
ANODE COL. 3
CATHODE COL. 5
ANODE ROW 1
CATHODE COL. 4
NO CONNECTION
NO CONNECTION
ANODE COL. 1
ANODE ROW 4
ANODE ROW 6
ANODE ROW 3
CATHODE RWO 1
ANODE COL. 4
NO CONNECTION
NO CONNECTION
CATHODE ROW 4
ANODE COL.5
CATHODE ROW 6
CATHODE ROW 3
CATHODE ROW 5
CATHODE ROW 7
ANODE COL. 2
PIN
CONNECTION
UVP-3057
UVP-3157
ANODE ROW 5
ANODE ROW 7
CATHODE COL. 2
Reverse Current, any Dot
Average Luminous Intensity
Spectral Line Half-Width
Reverse Current, any Dot
PARAMETER
Average Luminous Intensity
Luminous Intensity Matching Ratio
VR = 10 V
Luminous Intensity Matching Ratio
IF = 10 mA
Spectral Line Half-Width
IF = 20 mA
Forward Voltage, any Dot
IF = 20 mA
Ip = 80 mA 1/16 Duty
Peak Emission Wavelength
IF = 20 mA
PARAMETER
TEST CONDITION
TEST CONDITION
Average Luminous Intensity
IF = 20 mA
Peak Emission Wavelength
PARAMETER
Luminous Intensity Matching Ratio
IF = 20 mA
VR = 10V
IF = 10 mA
Forward Voltage, any Dot
TEST CONDITION
Ip = 80 mA 1/16 Duty
IF = 20 mA
IF = 20 mA
IF = 10 mA
Forward Voltage, any Dot
Ip = 80 mA 1/16 Duty
IF = 20 mA
Reverse Current, any Dot
VR = 10 V
Peak Emission Wavelength
IF = 20 mA
Spectral Line Half-Width
Unity Opto Technology Co., Ltd.


Similar Part No. - UVP-3257AA

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVP-1257AA UOT-UVP-1257AA Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1357AA UOT-UVP-1357AA Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1457A UOT-UVP-1457A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1457AC UOT-UVP-1457AC Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-1457AE UOT-UVP-1457AE Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
More results

Similar Description - UVP-3257AA

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LM40057AB LIGHTKEY-LM40057AB Datasheet
187Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM20057AB LIGHTKEY-LM20057AB Datasheet
192Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
LM40057CD LIGHTKEY-LM40057CD Datasheet
197Kb / 3P
   4.00 inch 5x7 Dot Matrix LED Display
LM20157AB LIGHTKEY-LM20157AB Datasheet
158Kb / 3P
   2.00 inch 5x7 Dot Matrix LED Display
logo
Unity Opto Technology
UVP-1X57A UOT-UVP-1X57A Datasheet
129Kb / 5P
   1.2 inch ( 30.42mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-7X7 UOT-UVP-7X7 Datasheet
86Kb / 5P
   0.7 inch ( 17.22mm ) 5X7 DOT MATRIX LED DISPLAY
UVP-4X57XX UOT-UVP-4X57XX Datasheet
98Kb / 5P
   4.0 inch ( 101.6mm ) 5X7 DOT MATRIX LED DISPLAY
logo
China Semiconductor Cor...
CSM-57171VM9 CHINASEMI-CSM-57171VM9 Datasheet
249Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171SG CHINASEMI-CSM-57171SG Datasheet
255Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
CSM-57171EG CHINASEMI-CSM-57171EG Datasheet
256Kb / 7P
   1.2 Inch 5X7 Dot-Matrix Display
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com