Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G32A-A430-VD- Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G32A-A430-VD-
Description  Solid State Relays
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G32A-A430-VD- Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button G32A-A430-VD- Datasheet HTML 3Page - Omron Electronics LLC G32A-A430-VD- Datasheet HTML 4Page - Omron Electronics LLC G32A-A430-VD- Datasheet HTML 5Page - Omron Electronics LLC G32A-A430-VD- Datasheet HTML 6Page - Omron Electronics LLC G32A-A430-VD- Datasheet HTML 7Page - Omron Electronics LLC G32A-A430-VD- Datasheet HTML 8Page - Omron Electronics LLC G32A-A430-VD- Datasheet HTML 9Page - Omron Electronics LLC G32A-A430-VD- Datasheet HTML 10Page - Omron Electronics LLC G32A-A430-VD- Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Solid State Relays
G3PA
443
Engineering Data
Load Current vs. Ambient Temperature
Note: Close mounting is possible for a maximum of three Units by reducing the load current by 20%. (A minimum clearance of 10 mm must be
provided when mounting four or more Units.)
25
15
40
60
80
100
20
0
-20
-30
60
40
25
20
80
Panel
Ground
Ambient temperature (
°C)
Ambient temperature (
°C)
Ambient temperature (
°C)
Vertical Mounting
G3PA-240B(L)-VD
G3PA-260B(L)-VD
G3PA-220B(L)-VD
G3PA-210B(L)-VD
G3PA-210B(L)-VD, G3PA-220B(L)-VD
Ambient temperature (
°C)
Ambient temperature (
°C)
G3PA-430B-VD, G3PA-430B-VD-2
G3PA-420B-VD, G3PA-420B-VD-2
G3PA-450B-VD-2
Ambient temperature (
°C)


Similar Part No. - G32A-A430-VD-

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G32A-B OMRON-G32A-B Datasheet
283Kb / 4P
   AC Input Unit Enabling AC Operation
G32A-B-US OMRON-G32A-B-US Datasheet
283Kb / 4P
   AC Input Unit Enabling AC Operation
G32A-C OMRON-G32A-C Datasheet
282Kb / 4P
   Prevents G3PA Malfunction
G32A-C-US OMRON-G32A-C-US Datasheet
282Kb / 4P
   Prevents G3PA Malfunction
G32A-EA OMRON-G32A-EA Datasheet
1Mb / 8P
   Used in Combination with the G3PA to Enable High-precision Temperature Control
More results

Similar Description - G32A-A430-VD-

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Opto Electronics Co,. L...
240A25 E-OEC-240A25 Datasheet
753Kb / 23P
   Solid-State Relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com