Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC853LC3C Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC853LC3C
Description  28 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC853LC3C Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC853LC3C_09 Datasheet HTML 1Page - Hittite Microwave Corporation HMC853LC3C_09 Datasheet HTML 2Page - Hittite Microwave Corporation HMC853LC3C_09 Datasheet HTML 3Page - Hittite Microwave Corporation HMC853LC3C_09 Datasheet HTML 4Page - Hittite Microwave Corporation HMC853LC3C_09 Datasheet HTML 5Page - Hittite Microwave Corporation HMC853LC3C_09 Datasheet HTML 6Page - Hittite Microwave Corporation HMC853LC3C_09 Datasheet HTML 7Page - Hittite Microwave Corporation HMC853LC3C_09 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
7
7 - 197
Electrical Specifications, (continued)
HMC853LC3C
v00.0909
28 Gbps, D-TYPE FLIP-FLOP
w/ PROGRAMMABLE OUTPUT VOLTAGE
Parameter
Conditions
Min.
Typ.
Max
Units
Output Low Voltage
-570
mV
Output Rise / Fall Time
Differential, 20% - 80%
15 / 14
ps
Output Return Loss
Frequency <24 GHz
10
dB
Random Jitter Jr
rms
0.2
ps rms
Deterministic Jitter, Jd
peak-to-peak, 215-1 PRBS input [1]
2ps, pp
Propagation Delay Clock to Data, td
101
ps
Clock Phase Margin
28 GHz
300
deg
Set Up Time, t
s
4ps
Hold Time, t
h
3ps
[1] VR = 0.0V
[2] Frequency = 13 GHz
DC Current vs. Supply Voltage [1] [2]
Output Differential
vs. Supply Voltage [1] [2]
Output Differential vs. VR [2]
50
55
60
65
70
75
80
85
90
95
100
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
Vr= +0.4
Vr= -0.4
SUPPLY VOLTAGE (V)
500
600
700
800
900
1000
1100
1200
1300
1400
1500
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
+25C
+85C
-40C
VR (V)
500
600
700
800
900
1000
1100
1200
1300
1400
1500
-3.7
-3.6
-3.5
-3.4
-3.3
-3.2
-3.1
-3
-2.9
+25C
+85C
-40C
Vr= +0.4
Vr= -0.4
SUPPLY VOLTAGE (V)


Similar Part No. - HMC853LC3C_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC853LC3 HITTITE-HMC853LC3 Datasheet
639Kb / 8P
   28 Gbps, D-TYPE FLIP-FLOP
HMC853LC3 HITTITE-HMC853LC3_12 Datasheet
639Kb / 8P
   28 Gbps, D-TYPE FLIP-FLOP
More results

Similar Description - HMC853LC3C_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC841LC4B HITTITE-HMC841LC4B Datasheet
1Mb / 8P
   43 Gbps, D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC853LC3 HITTITE-HMC853LC3_12 Datasheet
639Kb / 8P
   28 Gbps, D-TYPE FLIP-FLOP
HMC723LC3C HITTITE-HMC723LC3C Datasheet
668Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC723LP3E HITTITE-HMC723LP3E Datasheet
605Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE
HMC747LC3C HITTITE-HMC747LC3C Datasheet
277Kb / 8P
   13 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC747LC3C HITTITE-HMC747LC3C_11 Datasheet
444Kb / 8P
   14 Gbps, FAST RISE TIME D-TYPE FLIP-FLOP w/ PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
HMC673LC3C HITTITE-HMC673LC3C Datasheet
266Kb / 8P
   13 Gbps, D-Type Flip-Flop
HMC679LC3C HITTITE-HMC679LC3C Datasheet
469Kb / 8P
   26 GHz, T FLIP-FLOP w/ RESET & PROGRAMMABLE OUTPUT VOLTAGE
HMC-C060 HITTITE-HMC-C060 Datasheet
170Kb / 6P
   43 Gbps, D-TYPE FLIP-FLOP MODULE
HMC749LC3C HITTITE-HMC749LC3C Datasheet
283Kb / 8P
   26 GHz, T FLIP-FLOP w/ RESET, PROGRAMMABLE OUTPUT VOLTAGE & POSITIVE SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com