Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVS-340XL Datasheet(PDF) 1 Page - Unity Opto Technology

Part # UVS-340XL
Description  0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-340XL Datasheet(HTML) 1 Page - Unity Opto Technology

  UVS-340XL Datasheet HTML 1Page - Unity Opto Technology UVS-340XL Datasheet HTML 2Page - Unity Opto Technology UVS-340XL Datasheet HTML 3Page - Unity Opto Technology UVS-340XL Datasheet HTML 4Page - Unity Opto Technology UVS-340XL Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.8 inch ( 20.32 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-340XL SERIES
DESCRIPTION
The UVS-3401L/3403L is 0.8 inch (20.32mm) height single digit display.
Choices of five colors-high efficiency red/bright red/green/yellow/red orange.
All devices displays have gray face and white segments.
The bright red and green LED chip are made from GaP on a transparent GaP substrate.
The yellow and red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Continuous uniform segments.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
75
40
75
60
75
mW
25
15
25
20
25
mA
0.33
0.2
0.33
0.27
0.33
mA/
oC
5
5
5
5
5
V
11/14/2000
l
Industuy Standard Size
l
Wide Viewing angle
Reverse Voltage Per Segment
PART NO.
UVS-3401L
UVS-3403L
DESCRIPTION
Common Anode
Common Cathode
PARAMETER
HI.EFF.
RED
Continuous Forward Current Per Segment
Derating Linear From 25
oC Per Segment
BRIGHT
RED
100
60
Power Dissipation Per Segment
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
GREEN YELLOW
RED
ORANGE
UNIT
INTERNAL CIRCUIT
DIAGRAM
Fig. 2
Fig. 1
PACKAGE
DIMENSION
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
100
mA
Operating Temperature Range
Storage Temperature Range
-35
oCto+85oC
-35
oCto+85oC
100
80
Unity Opto Technology Co., Ltd.


Similar Part No. - UVS-340XL

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-312A UOT-UVS-312A Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AE UOT-UVS-312AE Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AG UOT-UVS-312AG Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AHR UOT-UVS-312AHR Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
UVS-312AP UOT-UVS-312AP Datasheet
69Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DIISPLAYUVS-31XA
More results

Similar Description - UVS-340XL

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
LTS-3406L LITEON-LTS-3406L Datasheet
1Mb / 8P
   0.8 SINGLE DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVS-51X UOT-UVS-51X Datasheet
47Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-4X01 UOT-UVS-4X01 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-36X UOT-UVS-36X Datasheet
50Kb / 5P
   0.36 inch ( 9.14 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-40XXA UOT-UVS-40XXA Datasheet
64Kb / 5P
   0.4 inch ( 10.16 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-6XX0 UOT-UVS-6XX0 Datasheet
66Kb / 5P
   0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
logo
List of Unclassifed Man...
TOS-40101 ETC1-TOS-40101 Datasheet
153Kb / 1P
   4.00 INCH SINGLE DIGIT NUMERIC DISPLAYS
logo
Unity Opto Technology
UVD-6XX0 UOT-UVD-6XX0 Datasheet
71Kb / 5P
   0.56 inch ( 14.22 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com