Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H55S2562JFR-75M Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # H55S2562JFR-75M
Description  256MBit MOBILE SDR SDRAM based on 4M x 4Bank x16 I/O
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H55S2562JFR-75M Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button H55S2562JFR-75M Datasheet HTML 7Page - Hynix Semiconductor H55S2562JFR-75M Datasheet HTML 8Page - Hynix Semiconductor H55S2562JFR-75M Datasheet HTML 9Page - Hynix Semiconductor H55S2562JFR-75M Datasheet HTML 10Page - Hynix Semiconductor H55S2562JFR-75M Datasheet HTML 11Page - Hynix Semiconductor H55S2562JFR-75M Datasheet HTML 12Page - Hynix Semiconductor H55S2562JFR-75M Datasheet HTML 13Page - Hynix Semiconductor H55S2562JFR-75M Datasheet HTML 14Page - Hynix Semiconductor H55S2562JFR-75M Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
Rev 1.1 / July. 2009
11
11
256Mbit (16Mx16bit) Mobile SDR
H55S2562JFR Series
DC CHARACTERISTICS II (TA= -30 to 85oC)
Note:
1. IDD1 and IDD4 depend on output loading and cycle rates. Specified values are measured with the output open.
2. See the tables of next page for more specific IDD6 current values.
Parameter
Symbol
Test Condition
Speed
Unit Note
166MHz 133MHz 105MHz
Operating Current
IDD1
Burst length=1, One bank active
tRC ≥ tRC(min), IOL=0mA
50
40
40
mA
1
Precharge Standby Current
in Power Down Mode
IDD2P
CKE ≤ VIL(max), tCK = min
0.3
mA
IDD2PS
CKE ≤ VIL(max), tCK = ∞
0.3
mA
Precharge Standby Current
in Non Power Down Mode
IDD2N
CKE ≥ VIH(min), CS ≥ VIH(min),
tCK = min, Input signals are
changed one time during 2clks.
All other pins ≥ VDD-0.2V or ≤ 0.2V
5
mA
IDD2NS
CKE ≥ VIH(min), tCK = ∞
Input signals are stable.
1
Active Standby Current
in Power Down Mode
IDD3P
CKE ≤ VIL(max), tCK = min
3
mA
IDD3PS
CKE ≤ VIL(max), tCK = ∞
3
Active Standby Current
in Non Power Down Mode
IDD3N
CKE ≥ VIH(min), CS ≥ VIH(min),
tCK = min, Input signals are
changed one time during 2clks.
All other pins ≥ VDD-0.2V or ≤ 0.2V
10
mA
IDD3NS
CKE ≥ VIH(min), tCK = ∞
Input signals are stable.
5
Burst Mode Operating
Current
IDD4
tCK ≥ tCK(min), IOL=0mA
All banks active
55
45
45
mA
1
Auto Refresh Current
IDD5
tRFC ≥ tRFC(min),
70
mA
Self Refresh Current
IDD6
CKE ≤ 0.2V
See Next Page
mA
2
Standby Current in
Deep Power Down Mode
IDD7
See p.50~51
10
uA
3


Similar Part No. - H55S2562JFR-75M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H55S2532JFR-60M HYNIX-H55S2532JFR-60M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
H55S2532JFR-75M HYNIX-H55S2532JFR-75M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
H55S2532JFR-A3M HYNIX-H55S2532JFR-A3M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
More results

Similar Description - H55S2562JFR-75M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5S5B6ELF-HE HYNIX-HY5S5B6ELF-HE Datasheet
245Kb / 27P
   256MBit MOBILE SDR SDRAMs based on 4M x 4Bank x16 I/O
H55S2622JFR-60M HYNIX-H55S2622JFR-60M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
H55S1262EFP-60E HYNIX-H55S1262EFP-60E Datasheet
733Kb / 54P
   128MBit MOBILE SDR SDRAMs based on 2M x 4Bank x16 I/O
H55S5122DFR-60M HYNIX-H55S5122DFR-60M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GTR-60I HYNIX-H57V2562GTR-60I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GFR-60C HYNIX-H57V2562GFR-60C Datasheet
279Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H55S1222EFP-60E HYNIX-H55S1222EFP-60E Datasheet
1Mb / 54P
   128MBit MOBILE SDR SDRAMs based on 1M x 4Bank x32 I/O
H55S5162DFR-60M HYNIX-H55S5162DFR-60M Datasheet
701Kb / 55P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
HY5S7B6ALFP-6 HYNIX-HY5S7B6ALFP-6 Datasheet
659Kb / 52P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com