Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H55S5162DFR-75M Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # H55S5162DFR-75M
Description  512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H55S5162DFR-75M Datasheet(HTML) 5 Page - Hynix Semiconductor

  H55S5162DFR-75M Datasheet HTML 1Page - Hynix Semiconductor H55S5162DFR-75M Datasheet HTML 2Page - Hynix Semiconductor H55S5162DFR-75M Datasheet HTML 3Page - Hynix Semiconductor H55S5162DFR-75M Datasheet HTML 4Page - Hynix Semiconductor H55S5162DFR-75M Datasheet HTML 5Page - Hynix Semiconductor H55S5162DFR-75M Datasheet HTML 6Page - Hynix Semiconductor H55S5162DFR-75M Datasheet HTML 7Page - Hynix Semiconductor H55S5162DFR-75M Datasheet HTML 8Page - Hynix Semiconductor H55S5162DFR-75M Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
Rev 1.5 / Feb. 2009
5
11
512Mbit (32Mx16bit) Mobile SDR Memory
H55S5162DFR Series
FEATURES
Standard SDRAM Protocol
Clock Synchronization Operation
- All the commands registered on positive edge of basic input clock (CLK)
MULTIBANK OPERATION - Internal 4bank operation
- During burst Read or Write operation, burst Read or Write for a different bank is performed.
- During burst Read or Write operation, a different bank is activated and burst Read or Write
for that bank is performed
- During auto precharge burst Read or Write, burst Read or Write for a different bank is performed
Power Supply Voltage: VDD = 1.8V, VDDQ = 1.8V
LVCMOS compatible I/O Interface
Low Voltage interface to reduce I/O power
Programmable burst length: 1, 2, 4, 8 or full page
Programmable Burst Type: sequential or interleaved
Programmable CAS latency of 3 or 2
Programmable Drive Strength
Low Power Features
- Programmable PASR(Partial Array Self Refresh)
- Auto TCSR (Temperature Compensated Self Refresh)
- Programmable DS (Drive Strength)
- Deep Power Down Mode
Operation Temperature
- Mobile Temp.: -30
oC ~ 85oC
Package Type: 54ball FBGA, 0.8mm pitch, 8 x 8 [mm2], t=1.0mm max, Lead & Halogen Free
512M SDRAM ORDERING INFORMATION
Part Number
Clock
Frequency
Temperature
CAS
Latency
Organization
Interface
54Ball
FBGA
H55S5162DFR-60M
166MHz
Mobile Temp.
-30
oC ~ 85oC
3
4banks x 8Mb x 16
LVCMOS
Lead &
Halogen
Free
H55S5162DFR-75M
133MHz
H55S5162DFR-A3M
105MHz


Similar Part No. - H55S5162DFR-75M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H55S5122DFR-60M HYNIX-H55S5122DFR-60M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
H55S5122DFR-75M HYNIX-H55S5122DFR-75M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
H55S5122DFR-A3M HYNIX-H55S5122DFR-A3M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
H55S5132DFR-60M HYNIX-H55S5132DFR-60M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
H55S5132DFR-75M HYNIX-H55S5132DFR-75M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
More results

Similar Description - H55S5162DFR-75M

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HY5S7B6LF-H HYNIX-HY5S7B6LF-H Datasheet
652Kb / 51P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
HY5S7B6ALFP-6 HYNIX-HY5S7B6ALFP-6 Datasheet
659Kb / 52P
   512MBit MOBILE SDR SDRAMs based on 8M x 4Bank x16I/O
H55S5122DFR-60M HYNIX-H55S5122DFR-60M Datasheet
830Kb / 54P
   512MBit MOBILE SDR SDRAMs based on 4M x 4Bank x32 I/O
H55S2622JFR-60M HYNIX-H55S2622JFR-60M Datasheet
1Mb / 55P
   256MBit MOBILE SDR SDRAMs based on 2M x 4Bank x32 I/O
H55S1222EFP-60E HYNIX-H55S1222EFP-60E Datasheet
1Mb / 54P
   128MBit MOBILE SDR SDRAMs based on 1M x 4Bank x32 I/O
H55S1262EFP-60E HYNIX-H55S1262EFP-60E Datasheet
733Kb / 54P
   128MBit MOBILE SDR SDRAMs based on 2M x 4Bank x16 I/O
HY5S5B6ELF-HE HYNIX-HY5S5B6ELF-HE Datasheet
245Kb / 27P
   256MBit MOBILE SDR SDRAMs based on 4M x 4Bank x16 I/O
H55S2562JFR-60M HYNIX-H55S2562JFR-60M Datasheet
689Kb / 52P
   256MBit MOBILE SDR SDRAM based on 4M x 4Bank x16 I/O
H5MS1G22MFP-E3M HYNIX-H5MS1G22MFP-E3M Datasheet
2Mb / 63P
   1Gbit MOBILE DDR SDRAM based on 8M x 4Bank x32 I/O
H57V2582GTR-60C HYNIX-H57V2582GTR-60C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com