Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H57V2562GTR-50L Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # H57V2562GTR-50L
Description  256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H57V2562GTR-50L Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button H57V2562GTR-50L Datasheet HTML 2Page - Hynix Semiconductor H57V2562GTR-50L Datasheet HTML 3Page - Hynix Semiconductor H57V2562GTR-50L Datasheet HTML 4Page - Hynix Semiconductor H57V2562GTR-50L Datasheet HTML 5Page - Hynix Semiconductor H57V2562GTR-50L Datasheet HTML 6Page - Hynix Semiconductor H57V2562GTR-50L Datasheet HTML 7Page - Hynix Semiconductor H57V2562GTR-50L Datasheet HTML 8Page - Hynix Semiconductor H57V2562GTR-50L Datasheet HTML 9Page - Hynix Semiconductor H57V2562GTR-50L Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Rev 1.0 / Aug. 2009
6
111
Synchronous DRAM Memory 256Mbit
H57V2562GTR Series
54_TSOPII Pin DESCRIPTIONS
SYMBOL
TYPE
DESCRIPTION
CLK
INPUT
Clock :
The system clock input. All other inputs are registered to the SDRAM on the rising edge
of CLK
CKE
INPUT
Clock Enable:
Controls internal clock signal and when deactivated, the SDRAM will be one of the states
among power down, suspend or self refresh
CS
INPUT
Chip Select:
Enables or disables all inputs except CLK, CKE and DQM
BA0, BA1
INPUT
Bank Address:
Selects bank to be activated during RAS activity
Selects bank to be read/written during CAS activity
A0 ~ A12
INPUT
Row Address: RA0 ~ RA12, Column Address: CA0 ~ CA8
Auto-precharge flag: A10
RAS, CAS, WE
INPUT
Command Inputs:
RAS, CAS and WE define the operation
Refer function truth table for details
LDQM, UDQM
I/O
Data Mask:
Controls output buffers in read mode and masks input data in write mode
DQ0 ~ DQ15
I/O
Data Input / Output:
Multiplexed data input / output pin
VDD / VSS
SUPPLY
Power supply for internal circuits and input buffers
VDDQ / VSSQ
SUPPLY
Power supply for output buffers
NC
-
No connection : These pads should be left unconnected


Similar Part No. - H57V2562GTR-50L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H57V2562GTR-50I HYNIX-H57V2562GTR-50I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GTR-50J HYNIX-H57V2562GTR-50J Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
More results

Similar Description - H57V2562GTR-50L

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H57V2562GTR-60I HYNIX-H57V2562GTR-60I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GFR-60C HYNIX-H57V2562GFR-60C Datasheet
279Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2582GTR-60C HYNIX-H57V2582GTR-60C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
H57V2582GTR-60I HYNIX-H57V2582GTR-60I Datasheet
229Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V281620ET HYNIX-HY57V281620ET Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GFR-50X HYNIX-H57V1262GFR-50X Datasheet
256Kb / 12P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
H57V1262GTR-50X HYNIX-H57V1262GTR-50X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY5S5B6ELF-HE HYNIX-HY5S5B6ELF-HE Datasheet
245Kb / 27P
   256MBit MOBILE SDR SDRAMs based on 4M x 4Bank x16 I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com