Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H57V2582GTR-75J Datasheet(PDF) 5 Page - Hynix Semiconductor

Part # H57V2582GTR-75J
Description  256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H57V2582GTR-75J Datasheet(HTML) 5 Page - Hynix Semiconductor

  H57V2582GTR-75J Datasheet HTML 1Page - Hynix Semiconductor H57V2582GTR-75J Datasheet HTML 2Page - Hynix Semiconductor H57V2582GTR-75J Datasheet HTML 3Page - Hynix Semiconductor H57V2582GTR-75J Datasheet HTML 4Page - Hynix Semiconductor H57V2582GTR-75J Datasheet HTML 5Page - Hynix Semiconductor H57V2582GTR-75J Datasheet HTML 6Page - Hynix Semiconductor H57V2582GTR-75J Datasheet HTML 7Page - Hynix Semiconductor H57V2582GTR-75J Datasheet HTML 8Page - Hynix Semiconductor H57V2582GTR-75J Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
111
Synchronous DRAM Memory 256Mbit
H57V2582GTR-xxI Series
Rev 1.0 / Aug. 2009
5
54 TSOP II Pin ASSIGNMENTS
VDD
DQ0
VDDQ
NC
DQ1
VSSQ
NC
DQ2
VDDQ
NC
DQ3
VSSQ
NC
VDD
NC
/WE
/CAS
/RAS
/CS
BA0
BA1
A10/AP
A0
A1
A2
A3
VDD
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
VSS
DQ7
VSSQ
NC
DQ6
VDDQ
NC
DQ5
VSSQ
NC
DQ4
VDDQ
NC
VSS
NC
DQM
CLK
CKE
A12
A11
A9
A8
A7
A6
A5
A4
VSS
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
54 Pin TSOPII
400mil x 875mil
0.8mm pin pitch


Similar Part No. - H57V2582GTR-75J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H57V2582GTR-75C HYNIX-H57V2582GTR-75C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
H57V2582GTR-75L HYNIX-H57V2582GTR-75L Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
More results

Similar Description - H57V2582GTR-75J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H57V2582GTR-60C HYNIX-H57V2582GTR-60C Datasheet
228Kb / 22P
   256Mb Synchronous DRAM based on 8M x 4Bank x8 I/O
H57V2562GTR-60C HYNIX-H57V2562GTR-60C Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GTR-60I HYNIX-H57V2562GTR-60I Datasheet
234Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
H57V2562GFR-60C HYNIX-H57V2562GFR-60C Datasheet
279Kb / 23P
   256Mb Synchronous DRAM based on 4M x 4Bank x16 I/O
HY57V641620ET HYNIX-HY57V641620ET Datasheet
117Kb / 13P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
HY57V281620ET HYNIX-HY57V281620ET Datasheet
126Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
H57V1262GFR-50X HYNIX-H57V1262GFR-50X Datasheet
256Kb / 12P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
HY5V66EF6 HYNIX-HY5V66EF6 Datasheet
959Kb / 12P
   64Mb Synchronous DRAM based on 1M x 4Bank x16 I/O
H57V1262GTR-50X HYNIX-H57V1262GTR-50X Datasheet
205Kb / 13P
   128Mb Synchronous DRAM based on 2M x 4Bank x16 I/O
logo
Integrated Silicon Solu...
IS42S32800D ISSI-IS42S32800D Datasheet
894Kb / 60P
   8M x 32 256Mb SYNCHRONOUS DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com