Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D3V-21G1MK-1C5-TKE Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # D3V-21G1MK-1C5-TKE
Description  Miniature Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D3V-21G1MK-1C5-TKE Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button D3V-21G1MK-1C5-TKE Datasheet HTML 5Page - Omron Electronics LLC D3V-21G1MK-1C5-TKE Datasheet HTML 6Page - Omron Electronics LLC D3V-21G1MK-1C5-TKE Datasheet HTML 7Page - Omron Electronics LLC D3V-21G1MK-1C5-TKE Datasheet HTML 8Page - Omron Electronics LLC D3V-21G1MK-1C5-TKE Datasheet HTML 9Page - Omron Electronics LLC D3V-21G1MK-1C5-TKE Datasheet HTML 10Page - Omron Electronics LLC D3V-21G1MK-1C5-TKE Datasheet HTML 11Page - Omron Electronics LLC D3V-21G1MK-1C5-TKE Datasheet HTML 12Page - Omron Electronics LLC D3V-21G1MK-1C5-TKE Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Miniature Basic Switch
D3V
81
Short Hinge Lever Models
D3V-21G1-1
@4A-Δ
D3V-161-1
@5-Δ
D3V-111-1
@5-Δ
D3V-111-1
@4-Δ
D3V-61-1
@4-Δ
D3V-6G1-1
@3-Δ
D3V-011-1
@3-Δ
4.2
10.3
2.85
PT
22.1
8.1
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.7
15.9
t=0.5
Three, #187 series tab
2.8
(10)
27.8
37.8
±0.8
3.4
±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
Note: Stainless-steel lever
D3V-21G1M-1
@4A-Δ
D3V-161M-1
@5-Δ
D3V-111M-1
@5-Δ
D3V-111M-1
@4-Δ
D3V-61M-1
@4-Δ
D3V-6G1M-1
@3-Δ
D3V-011M-1
@3-Δ
A
t=0.5
Three, quick-connect
terminals (#187)
Model
D3V-21G1(M)-1
@4A-Δ
D3V-161(M)-1
@5-Δ
D3V-111(M)-1
@5-Δ
D3V-111(M)-1
@4-Δ
D3V-61(M)-1
@4-Δ
D3V-6G1(M)-1
@3-Δ
D3V-011(M)-1
@3-Δ
OF max.
RF min.
125 gf
20 gf
200 gf
50 gf
100 gf
15 gf
50 gf
5 gf
PT max.
OT min.
MD max.
1.6 mm
0.8 mm
0.5 mm
1.6 mm
0.8 mm
0.6 mm (F gap type) or 0.5 mm (G gap type)
1.6 mm
0.8 mm
0.6 mm
OP
15.2
± 0.5 mm
D3V-21G1K-1
@4A-Δ
D3V-161K-1
@5-Δ
D3V-111K-1
@5-Δ
D3V-111K-1
@4-Δ
D3V-61K-1
@4-Δ
D3V-6G1K-1
@3-Δ
D3V-011K-1
@3-Δ
4.5
10.3
2.85
PT
27.9
±0.8
14.3
8.5
1.6
3.1
dia. hole
+0.13
−0.03
0.7
4
7.2
18.7
15.9
2.8
(10)
27.8
37.8
±0.8
3.4
±0.15 dia. hole
22.2
±0.1
3.1
+0.13
−0.03
10.3
±0.1
OP
2.8
t=0.5
A
t=0.5
Three, #187 series tab
Model
D3V-21G1K-1
@4A-Δ
D3V-161K-1
@5-Δ
D3V-111K-1
@5-Δ
D3V-111K-1
@4-Δ
D3V-61K-1
@4-Δ
D3V-6G1K-1
@3-Δ
D3V-011K-1
@3-Δ
OF max.
RF min.
85 gf
8 gf
130 gf
16 gf
65 gf
8 gf
35 gf
4 gf
PT max.
OT min.
MD max.
3.5 mm
1.1 mm
1.1 mm
3.5 mm
1.1 mm
1.2 mm (F gap type) or 1.1 mm (G gap type)
3.5 mm
1.1 mm
1.2 mm
OP
15.2
± 1.2 mm


Similar Part No. - D3V-21G1MK-1C5-TKE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
D3V-21 OMRON-D3V-21 Datasheet
1Mb / 16P
   Reliable Basic Switch with External Lever
More results

Similar Description - D3V-21G1MK-1C5-TKE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
logo
Omron Electronics LLC
V-15-1A5 OMRON-V-15-1A5 Datasheet
256Kb / 16P
   Miniature Basic Switch
logo
List of Unclassifed Man...
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com