Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5CA-1A Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G5CA-1A
Description  PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5CA-1A Datasheet(HTML) 4 Page - Omron Electronics LLC

  G5CA-1A Datasheet HTML 1Page - Omron Electronics LLC G5CA-1A Datasheet HTML 2Page - Omron Electronics LLC G5CA-1A Datasheet HTML 3Page - Omron Electronics LLC G5CA-1A Datasheet HTML 4Page - Omron Electronics LLC G5CA-1A Datasheet HTML 5Page - Omron Electronics LLC G5CA-1A Datasheet HTML 6Page - Omron Electronics LLC G5CA-1A Datasheet HTML 7Page - Omron Electronics LLC G5CA-1A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
188
PCB Relay
G5CA
Engineering Data
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Z'
Switching voltage (V)
Switching current (A)
Ambient temperature (˚C)
50
30
15
10
7
5
3
1
0.7
0.5
0.3
0.1
1
3
5 7 10
30 50
100
300 500 1,000
500
300
100
70
50
30
10
7
5
3
1
0
2
4
6
8
10
12
14
16
DC resistive load
G5CA-1A
G5CA-1A-E
DC inductive load
G5CA-1A
G5CA-1A-E
(L/R=7 ms)
AC resistive load
G5CA-1A-E
AC inductive
load
G5CA-1A-E
(cos
φ=0.4)
AC inductive
load
G5CA-1A
(cos
φ=0.4)
AC resistive load
G5CA-1A
200
180
160
150
140
130
120
100
80
60
30-VDC resistive load
250-VAC resistive load
110-VAC resistive load
0
20
30
40
50
60
70
80
90
Continuous max.
permissile voltage (15 A)
Continuous max.
permissile voltage (10 A)
Z
Z
Z'
Shock direction
Unit: m/s2
Y
Y
Y'
Y'
X
X
X'
X'
1,000 min.
1,000 min.
1,000 min.
1,000 min.
1,000 min.
1,000 min.
100
80
60
40
20
0
−40
−20
0
20
40
60
80
Ambient temperature (˚C)
Must-operate voltage
Must-release voltage
Sample: G5CA-1A DC
No. of samples: 5
max.
min.
X
max.
min.
X
800
600
400
200
200
400
600
800
Maximum Switching Capacity
Operating Temperature vs.
Must-operate/Must-release Voltage
Malfunction Shock
Electrical Service Life
Ambient Temperature vs.
Maximum Coil Voltage
Note: The "maximum voltage" is the maximum
voltage that can be applied to the relay coil,
but, not continously.
No. of samples: 10
Measured value: The value at which
malfunction occurs
in the contact when
the contact is
subjected to shock
three times each in
six directions for
three axes.
Standard:
200 m/s
2
Mounting Holes (PCB)
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
G5CA-1A(-E)
G5CA-1A4(-H)
Two, 1 dia. hole
Two, 1 dia.
elliptic holes
2.54
2.54
2
10.16
17.78
12.7
Note: Orientation marks are
indicated as follows:
12
3
4
0.3
12.7
16 max.
(15.9)*
22 max.
(21.9)*
11 max.
(10.9)*
0.4
3.5
1.6
10.16
7.62
0.6
* Average value
(No coil polarity)


Similar Part No. - G5CA-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5CA-1A OMRON-G5CA-1A Datasheet
277Kb / 6P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
G5CA-1A OMRON-G5CA-1A Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
G5CA-1A-E OMRON-G5CA-1A-E Datasheet
277Kb / 6P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
G5CA-1A-H OMRON-G5CA-1A-H Datasheet
277Kb / 6P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
More results

Similar Description - G5CA-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com