Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5CA-1A Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G5CA-1A
Description  PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5CA-1A Datasheet(HTML) 5 Page - Omron Electronics LLC

  G5CA-1A Datasheet HTML 1Page - Omron Electronics LLC G5CA-1A Datasheet HTML 2Page - Omron Electronics LLC G5CA-1A Datasheet HTML 3Page - Omron Electronics LLC G5CA-1A Datasheet HTML 4Page - Omron Electronics LLC G5CA-1A Datasheet HTML 5Page - Omron Electronics LLC G5CA-1A Datasheet HTML 6Page - Omron Electronics LLC G5CA-1A Datasheet HTML 7Page - Omron Electronics LLC G5CA-1A Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PCB Relay
G5CA
189
Precautions
■ Precautions for Correct Use
Installation
Make sure that sufficient space is provided between relays when
installing two or more relays side by side to facilitate heat dissipation.
Insufficient heat dissipation may result in the relay malfunctioning.
.
Quick-connect Terminal Connections
• Do not pass current through the PCB of the load contact terminals
(quick-connect terminals).
• The terminals are compatible with Faston receptacle #187 and are
suitable for positive-lock mounting.
Use only Faston terminals with the specified numbers. Select leads
for connecting Faston receptacles with wire diameters that are
within the allowable range for the load current. Do not apply exces-
sive force to the terminals when mounting or dismounting the Fas-
ton receptacle.
Insert and remove terminals carefully one at a time. Do not insert
terminals on an angle, or insert/remove multiple terminals at the
same time.
The following positive-lock connectors made by AMP are recom-
mended. Contact the manufacturer directly for details on connec-
tors including availability.
.
Note: The numbers shown in parentheses are for air-feeding.
Charged Terminals
The section marked with dotted circles (indicated by arrows) in the
following diagram includes the charged terminals of the relay. When
the relay is mounted on a PCB, make sure that there are no metal
patterns on the section of the PCB facing the portion of the relay
shaded in the following diagram.
.
Other Precautions
• The G5CA is a power relay designed for applications switching
power loads such as heaters in electric household appliances. Do
not use the G5CA to switch micro loads less than 100 mA, such as
in signal applications.
• Use fully sealed models if the relays will require washing. Flux-pro-
tection models may malfunction or the relay's performance may be
otherwise adversely affected if cleaning fluid enters the relay.
Mounting Holes
(BOTTOM VIEW)
Tolerance: ±0.1 mm
Terminal Arrangement/
Internal Connections
(BOTTOM VIEW)
G5CA-1A-TP-E
Two, 1 dia.
Four, 1.2 dia.
elliptic holes
1.8
14.25
6.25
21.1
16.1
1.6
17.78
5
4
3
2
1
(TOP VIEW)
(BOTTOM VIEW)
10˚±1˚
0.5
0.6
14.25
17.78
22.1max.
(21.9)*
25.1max.
(24.9)*
11
(10.9)*
0.5
4.8
3.2
1
0.3
1.35
6.35
13.3
4.9
1.3 dia.
5
16.1
0.3
3.6
* Average value
(No coil polarity)
Type
Receptacle terminals
(see note)
Positive housing
#187 terminals
(width: 4.75 mm)
AMP 170330-1
(170324-1)
AMP 170331-1
(170325-1)
AMP 170332-1
(170326-1)
AMP 172074-1 (natural
color)
AMP 172074-4 (yellow)
AMP 172074-5 (green)
AMP 172074-6 (blue)
Pitch:
2.54 mm
× 4 min.
between terminals
Pitch: 2.54 mm
× 3 min. between terminals
12.7
8
6.5
0.18
Charged
terminals


Similar Part No. - G5CA-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5CA-1A OMRON-G5CA-1A Datasheet
277Kb / 6P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
G5CA-1A OMRON-G5CA-1A Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
G5CA-1A-E OMRON-G5CA-1A-E Datasheet
277Kb / 6P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
G5CA-1A-E-DC12 OMRON-G5CA-1A-E-DC12 Datasheet
976Kb / 4P
   Flat Relays that Switch 10A/15A Loads Power
G5CA-1A-H OMRON-G5CA-1A-H Datasheet
277Kb / 6P
   Flat Relays that Switch 10-A/15-A Loads with New Quick-connect Terminals
More results

Similar Description - G5CA-1A

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5LE OMRON-G5LE Datasheet
828Kb / 8P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com