Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UVS-51X Datasheet(PDF) 1 Page - Unity Opto Technology

Part # UVS-51X
Description  0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UOT [Unity Opto Technology]
Direct Link  http://www.unityopto.com.tw
Logo UOT - Unity Opto Technology

UVS-51X Datasheet(HTML) 1 Page - Unity Opto Technology

  UVS-51X Datasheet HTML 1Page - Unity Opto Technology UVS-51X Datasheet HTML 2Page - Unity Opto Technology UVS-51X Datasheet HTML 3Page - Unity Opto Technology UVS-51X Datasheet HTML 4Page - Unity Opto Technology UVS-51X Datasheet HTML 5Page - Unity Opto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
0.56 inch ( 14.22 mm )
SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-51X SERIES
DESCRIPTION
The UVS-51X is 0.56 inch (14.22mm) height single digit display.
Choices of five colors-high efficiency red/bright red/green/yellow/red orange.
High efficiency red displays has red face and red segments.
Green display has grayface and green segments.
Bright red, yellow and red orange displays have gray face and white segments.
The bright red and green LED chip are made from GaP on a transparent GaP substrate.
The yellow and red orange LED chip are made from GaAsP on a transparent GaP substrate.
FEATURES
l
Continuous uniform segments.
l
Excellent characters appearance
l
Low power requirement
DEVICES
ABSOLUTE MAXIMUM RATINGS
@ TA=25
oC
75
40
75
60
75
mW
25
15
25
20
25
mA
0.33
0.2
0.33
0.27
0.33
mA/
oC
5
5
5
5
5
V
GREEN
YELLOW
RED
ORANGE
80
PACKAGE
DIMENSION
Fig. 1
l
Industuy Standard Size
l
Wide Viewing angle
UNIT
mA
INTERNAL CIRCUIT
DIAGRAM
Fig. 2
100
Power Dissipation Per Segment
Peak Forward Current Per Segment
( 1/10 Duty Cycle. ,0.1ms pulse width)
Reverse Voltage Per Segment
100
100
60
11/14/2000
Solder Temperature 1/16 inch Below Seating Plane for 3 Seconds at 260
oC
Continuous Forward Current Per Segment
Derating Linear From 25
oC Per Segment
Operating Temperature Range
Storage Temperature Range
-35
oCto+85oC
-35
oCto+85oC
PARAMETER
HI.EFF.
RED
PART NO.
UVS-516
UVS-515
DESCRIPTION
Common Anode
Common Cathode
BRIGHT
RED
Unity Opto Technology Co., Ltd.


Similar Part No. - UVS-51X

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-546A UOT-UVS-546A Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-547A UOT-UVS-547A Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-5X03A UOT-UVS-5X03A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results

Similar Description - UVS-51X

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
UVS-5X01A UOT-UVS-5X01A Datasheet
53Kb / 5P
   0.56 inch ( 14.22 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVD-6XX0 UOT-UVD-6XX0 Datasheet
71Kb / 5P
   0.56 inch ( 14.22 mm ) DUAL DIGIT NUMERIC LED DISPLAYS
UVT-5X1 UOT-UVT-5X1 Datasheet
75Kb / 5P
   0.56 inch ( 14.22 mm ) THREE-DIGIT NUMERIC LED DISPLAYS
UVS-6XX0 UOT-UVS-6XX0 Datasheet
66Kb / 5P
   0.56 inch ( 14.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVC-5X23 UOT-UVC-5X23 Datasheet
72Kb / 5P
   0.56 inch ( 14.2 mm ) FOUR-DIGIT NUMERIC LED DISPLAYS
logo
Lite-On Technology Corp...
LTD-6610E LITEON-LTD-6610E Datasheet
125Kb / 5P
   0.56 inch (14.22 mm) DIGIT HEIGHT.
LTS-6680E LITEON-LTS-6680E Datasheet
127Kb / 5P
   0.56 inch (14.22 mm) digit height single digit seven-segment display.
logo
Unity Opto Technology
UVS-54XA UOT-UVS-54XA Datasheet
66Kb / 5P
   0.52 inch ( 13.2 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-340XL UOT-UVS-340XL Datasheet
70Kb / 5P
   0.8 inch ( 20.32 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
UVS-4X01 UOT-UVS-4X01 Datasheet
66Kb / 5P
   0.4 inch ( 10.0 mm ) SINGLE DIGIT NUMERIC LED DISPLAYS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com