Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G5LE-1A-CF Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G5LE-1A-CF
Description  PCB Relay
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G5LE-1A-CF Datasheet(HTML) 4 Page - Omron Electronics LLC

  G5LE-1A-CF Datasheet HTML 1Page - Omron Electronics LLC G5LE-1A-CF Datasheet HTML 2Page - Omron Electronics LLC G5LE-1A-CF Datasheet HTML 3Page - Omron Electronics LLC G5LE-1A-CF Datasheet HTML 4Page - Omron Electronics LLC G5LE-1A-CF Datasheet HTML 5Page - Omron Electronics LLC G5LE-1A-CF Datasheet HTML 6Page - Omron Electronics LLC G5LE-1A-CF Datasheet HTML 7Page - Omron Electronics LLC G5LE-1A-CF Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
176
PCB Relay
G5LE
Engineering Data
For standard type
For suffix -E and -G
0.3
0.5
0.7
1
3
5
7
10
0
10
30
50
125 250
500 1,000
Switching Voltage (V)
DC resist ive
load
AC resist ive
load
Switching current (A)
10
30
50
70
100
300
500
700
1,000
3,000
5,000
2
4
6
8
10
12
0
30VDC
resist ive load
120VAC inductive
CosØ=0.4
(see note)
120VAC
resistive load
30VDC
inductive
(L/R=7ms)
0
100
120
140
160
180
200
-25 20
30
40
50 60 70
80 90 100
23
Switching temperature (°C)
Max. Switching Capacity
Life Expectancy
Ambient Temp. Vs. Max. Voltage
Note: Same curve as for 250-VAC
resistive load
Note: The maximum coil voltage refers
to the maximum value in a varying
range of operating power voltage,
not a continuous voltage.
Switching current (A)
10
30
50
70
100
300
500
700
1,000
3,000
5,000
2
4
6
8
10
12
0
35 VDC
resistive load
14
16
250 VAC
resistive load
0
100
120
140
160
180
200
-25 20
30
40
50 60 70
80 90 100
23
Switching temperature (°C)
G5LE-1-G
G5LE-1-E
Max. Switching Capacity
Life Expectancy
Ambient Temp. Vs. Max. Voltage
Note: The maximum coil voltage refers
to the maximum value in a varying
range of operating power voltage,
not a continuous voltage.
Switching voltage (V)
1,000
DC resistive
load (for -G)
AC resistive
load (for -E)
0.5
1
5
10
12
14
16
0 10
30
50
125 250
500
8


Similar Part No. - G5LE-1A-CF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5LE-1A-CF OMRON-G5LE-1A-CF Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
G5LE-1A-CF OMRON-G5LE-1A-CF Datasheet
751Kb / 6P
   A Cubic, Single-pole 10-A Power Relay
More results

Similar Description - G5LE-1A-CF

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G5G OMRON-G5G Datasheet
848Kb / 3P
   PCB Relay
G5T OMRON-G5T Datasheet
199Kb / 6P
   PCB Relay
G6RL OMRON-G6RL Datasheet
445Kb / 8P
   PCB Relay
G6B-1114P-US-DC24 OMRON-G6B-1114P-US-DC24 Datasheet
285Kb / 7P
   PCB Relay
P6B-26P OMRON-P6B-26P Datasheet
287Kb / 7P
   PCB Relay
G2RL-1A4-EDC12 OMRON-G2RL-1A4-EDC12 Datasheet
513Kb / 6P
   PCB Relay
G8P-1C4PDC6 OMRON-G8P-1C4PDC6 Datasheet
933Kb / 6P
   PCB Relay
G2RL OMRON-G2RL Datasheet
946Kb / 8P
   PCB Relay
G5CA OMRON-G5CA Datasheet
361Kb / 8P
   PCB Relay
G5SB OMRON-G5SB Datasheet
270Kb / 6P
   PCB Relay
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com